Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5101-35AI Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL5101-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35AI Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL5101-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 9Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 10Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 11Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 12Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 13Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 14Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
12
SOT-89 (Reference EIAJ ED-7500A Reg stration SC-62)
D
D1
e
B1
e1
B
1
2
3
L
H
E
C
α
α
A
Millimeters
Inches
Dim
M in.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.40
0.56
0.016
0.022
B1
0.35
0.48
0.014
0.019
C
0.35
0.44
0.014
0.017
D
4.40
4.60
0.173
0.181
D1
1.35
1.83
0.053
0.072
e
1.50 BSC
0.059 BSC
e1
3.00 BSC
0.118 BSC
E
2.29
2.60
0.090
0.102
H
3.75
4.25
0.148
0.167
L
0.80
1.20
0.031
0.047
α
10
°
10
°
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com