Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5101-35AI Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5101-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35AI Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5101-35AI Datasheet HTML 1Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 2Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 3Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 4Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
5
Application Circuit
APL5101/2
V IN
SHDN
VOUT
COUT
CIN
GND
1
µ
1
µ
F
F
0
0.5
1
1.5
2
2.5
3
3.5
4
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
Application Characteristics
VOUT=3.3V
Quiescent Current vs. Input Voltage
Input Voltage(V)
VIN=5V
Output Current(mA)
Quiescent Current vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com