Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5101-35AI Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APL5101-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35AI Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APL5101-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 9Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 10Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 11Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 12Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 13Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 14Page - Anpec Electronics Coropration APL5101-35AI Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
15
Cover Tape Dimensions
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service
Application
A
B
C
J
T1
T2
W
P
E
178
±1
60
± 1.0
12.0
2.5
± 0.15 9.0 ± 0.5
1.4
8.0+ 0.3
- 0.3
4.0
1.75
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23
3.5
± 0.05 1.5 +0.1 φ0.1MIN
4.0
2.0
± 0.05
3.1
3.0
1.3
0.2
±0.03
Application
A
B
C
J
T1
T2
W
P
E
178
±1
72
± 1.0 13.0 + 0.2 2.5 ± 0.15
8.4
± 2
1.5
± 0.3
8.0
± 0.3
4
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23-5
3.5
± 0.05 1.5± 0.1
1.5
± 0.1
4.0
± 0.1 2.0 ± 0.1
3.15
± 0.1
3.2
± 0.1
1.4
± 0.1 0.2±0.033
Application
A
B
C
J
T1
T2
W
P
E
178
±1
70
± 2 13.5 ± 0.15 3 ± 0.15
14
± 2
1.3
± 0.3
12 + 0.3
12 - 0.1
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-89
5.5
± 0.05 1.5± 0.1
1.5
± 0.1
4.0
± 0.1 2.0 ± 0.1
4.8
± 0.1
4.5
± 0.1
1.80
± 0.1 0.3±0.013
(mm)
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT- 23
8
5.3
3000
SOT- 23-5
8
5.3
3000
SOT- 89
12
9.3
1000
Cover Tape Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com