Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5102-35AI Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL5102-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-35AI Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL5102-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 9Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 10Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 11Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 12Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 13Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 14Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
14
Re liability test program
Test item
Method
Description
SOLDERABILITY
M IL-STD-883D-2003
245
°C , 5 SEC
HO LT
M IL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
M IL-STD-883D-1011.9
-65
°C ~ 150 °C , 200 Cycles
ESD
M IL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
Carrier Tape
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Table 2. Pb-free Process – Package Classification Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 mm – 2.5 mm
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
*Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the
stated classification temperature (this means Peak reflow temperature +0
°C. For example 260°C+0°C)
at the rated MSL level.
Table 1.
SnPb Entectic Process – Package Peak Reflow Temperature s
Package Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
240 +0/-5
°C
225 +0/-5
°C
≥2.5 mm
225 +0/-5
°C
225 +0/-5
°C
Classification Reflow Profiles (Cont.)
A
J
B
T2
T1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com