Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5102-35AI Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5102-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-35AI Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5102-35AI Datasheet HTML 1Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 2Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 3Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 4Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 5Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 6Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL5101/2 are micro-power, ultra low dropout
linear regulator, which operate from 2V to 6V input
voltage and deliver up to 150mA. Typical dropout
voltage is only 200mV at 150mA loading. Designed
for use in battery-powered system, the low 4
µA
quiescent current makes it an ideal choice. Design
with an internal P-channel MOSFET pass transistor,
the APL5101/2 maintain a low supply current,
independent of the load current and dropout voltage.
Other features include thermal-shutdown protection
and current limit protection to ensure specified
output current and controlled short-circuit current.
The APL5101/2 regulator come in a miniature SOT-23,
SOT-23-5 and SOT-89 packages.
Applications
•
Hand-held Equipment
•
RTC or CMOS Backup Power
•
Battery Powered Equipment
Pin Configuration
SOT-23-5
•
Ultra Low Quiescent Current: 4
µA
•
Ultra Low Dropout Voltage:
200mV@3.3V/150mA
•
Fixed Output Voltages: 1.2V~3.5V,
steps 100mV
•
Guaranteed 150mA Output Current
•
Stable with 1
µF Output Capacitor
•
Ceramic Capacitor can be used
•
Current Limit Protection
•
Controlled Short Circuit Current: 50mA
•
Build in Thermal Protection
•
SOT-23, SOT-23-5 and SOT-89 packages
•
Lead Free Available (RoHS Compliant)
SOT-23
APL5102
APL5101
SOT-23
APL5101
150mA, 4
µA Quiescent Current Regulator
GND
VOUT
VIN
APL5101
SOT-89
VOUT
GND
VIN
1
2
3
VOUT
GND
VIN
1
2
3
1
2
3
VOUT
GND
VIN
1
2
3
VOUT
GND
VIN
1
2
3
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5


Similar Part No. - APL5102-35AI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5102-35AI-TRG ANPEC-APL5102-35AI-TRG Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
APL5102-35AI-TRL ANPEC-APL5102-35AI-TRL Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
More results

Similar Description - APL5102-35AI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
150mA, 4mA Quiescent Current Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
24V, 150mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com