Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5102-35AI Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5102-35AI
Description  150mA, 4uA Quiescent Current Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-35AI Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5102-35AI Datasheet HTML 1Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 2Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 3Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 4Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 5Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 6Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-35AI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise noted these specificatons apply over full temperature, VIN = 5V, CIN = COUT = 1
µF,
TA = -40 to 85
°C. Typical values refer to TA= 25°C.
Note: Dropout voltage definition:VIN-VOUT when VOUT is 2% below the value of VOUT for VIN= VOUT+1V.
APL5101/2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2
6
V
Output Voltage Accuracy
VIN = 5V
-2
2
%
VOUT
Output Voltage Range
1.2
3.5
V
ILIMIT
Current Limit
VIN = 5V
250
300
370
mA
IOUT = 0mA
4
7
Quiescent Current
IOUT = 150mA
4
10
IQ
Shutdown Supply Current
VSHDN = High
0.1
1
µA
IOUT
Load Current
150
mA
REGLINE Line Regulation
VOUT + 0.5V<VIN<6V,
IOUT = 10mA
2
10
mV
REGLOAD Load Regulation
VIN = 5V, 0Ma<IOUT<IMAX
15
30
mV
VOUT = 1.4V, IOUT = 150mA
1000
1300
VOUT = 1.8V, IOUT = 150mA
600
900
VDROP
Dropout Voltage
(NOTE)
VOUT = 3.3V, IOUT = 150mA
200
300
mV
PSRR Ripple Rejection
F = 1kHz, COUT = 1
µF,
IOUT = 10mA
30
40
dB
ISHORT
Short Circuit Current
VOUT = 0V
40
50
60
mA
en
Noise
F = 22Hz to 80kHz,
COUT = 1
µF, IOUT = 10mA
200
250
µVRMS
ISHDN
Shutdown Input Bias Current VSHDN = Low
0.1
1
µA
High Threshold Voltage
1.6
VIN+0.3
V
VSHDN
Low Threshold Voltage
-0.3
0.4
V
TEXIT
Shutdown Exit Delay
VOUT = 90%, RLOAD = 25
Ω
1.5
2
2.5
mS
Over Temperature Shutdown
120
135
°C
OTS
Over Temperature Shutdown
Hysteresis
10
20
30
°C
TC
Output Voltage Temperature
Coefficient
TA = -40°C ~ 100°C
100
200
ppm/°C
Output Capacitor
1
10
µ F
COUT
ESR
10
1000
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com