Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVR Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # JVR
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVR Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button JVR Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR Datasheet HTML 17Page - List of Unclassifed Manufacturers JVR Datasheet HTML 18Page - List of Unclassifed Manufacturers JVR Datasheet HTML 19Page - List of Unclassifed Manufacturers JVR Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Metal Oxide Varistor JVR Series
18
Tape and Reel Dimensions
Symbols
Item
5 / 7 mm
10 / 14 mm
20mm
A
Cut out length
1.1 mm max.
1.1 mm max.
H (Y type)
Height of Top
See H max. table
H0(Y type)
Height to seating plane
16.0 ± 0.5 mm (*± 1.0 mm)
16.0 ± 0.5 mm (*± 1.0 mm)
H0(P type)
Height of component from hole center
16.0 ~ 21.0 mm
16.0 ~ 21.0 mm
△h
Front to back deviation
0 ± 2.0 mm
0 ± 2.0 mm
W
Carrier tape width
18
+1.0
-0.5 mm
18
+1.0
-0.5 mm
W0
Hold down tape width
10.0 mm
12.0 mm
W1
Sprocket hole position
9.0
+0.75
-0.5 mm
9.0
+0.75
-0.5 mm
W2
Adhesive tape position
3.0 mm max.
3.0 mm max.
F
Component lead spacing
5.0 ± 1.0 mm
7.5 ± 1.0 mm
10.0 ± 1.0 mm
P
Pitch of component
12.7 ± 1.0 mm
25.4 ± 1.0 mm
P0
Sprocket hole pitch
12.7 ± 0.3 mm
12.7 ± 0.3 mm
P1
Lead length from hole center to lead
3.85 ± 0.7 mm
8.95 ± 0.7 mm
7.7 ± 0.7 mm
P2
Length from hole center to disk center
6.35 ± 1.3 mm
12.7 ± 1.3 mm
D0
Sprocket hole diameter
4.0 ± 0.2 mm
4.0 ± 0.2 mm
d
Lead wire diameter
0.6 ± 0.05 mm
0.8 ± 0.05 mm
1.0 ± 0.05 mm
T
Disk thickness
See T max. table
See T max. table
t1
Total thickness tape
0.7 ± 0.05 mm
0.7 ± 0.05 mm
t2
Total thickness
1.6 mm max.
1.8 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com