Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # JVR
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button JVR Datasheet HTML 4Page - List of Unclassifed Manufacturers JVR Datasheet HTML 5Page - List of Unclassifed Manufacturers JVR Datasheet HTML 6Page - List of Unclassifed Manufacturers JVR Datasheet HTML 7Page - List of Unclassifed Manufacturers JVR Datasheet HTML 8Page - List of Unclassifed Manufacturers JVR Datasheet HTML 9Page - List of Unclassifed Manufacturers JVR Datasheet HTML 10Page - List of Unclassifed Manufacturers JVR Datasheet HTML 11Page - List of Unclassifed Manufacturers JVR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Metal Oxide Varistor JVR Series
7
Ø 25mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 25N 201K
200
±10%
130
170
355
150
20000
5
1.2
190
☆
●
JVR 25N 221K
220
±10%
140
180
380
150
20000
5
1.2
205
☆
●
JVR 25N 241K
240
±10%
150
200
415
150
20000
5
1.2
225
☆
●
JVR 25N 271K
270
±10%
175
225
445
150
20000
5
1.2
255
☆
●
JVR 25N 301K
300
±10%
195
250
495
150
20000
5
1.2
280
☆
●
JVR 25N 331K
330
±10%
210
275
545
150
20000
5
1.2
305
☆
●
JVR 25N 361K
360
±10%
230
300
595
150
20000
5
1.2
330
☆
●
JVR 25N 391K
390
±10%
250
320
645
150
20000
5
1.2
360
☆
●
JVR 25N 431K
430
±10%
275
350
710
150
20000
5
1.2
380
☆
●
JVR 25N 471K
470
±10%
300
385
775
150
20000
5
1.2
400
☆
●
JVR 25N 511K
510
±10%
320
418
840
150
20000
5
1.2
420
☆
●
JVR 25N 561K
560
±10%
350
460
925
150
20000
5
1.2
440
☆
●
JVR 25N 621K
620
±10%
385
505
1025
150
20000
5
1.2
460
☆
●
JVR 25N 681K
680
±10%
420
560
1125
150
20000
5
1.2
480
☆
●
JVR 25N 751K
750
±10%
460
615
1240
150
20000
5
1.2
520
☆
●
JVR 25N 781K
780
±10%
485
640
1290
150
20000
5
1.2
540
☆
●
JVR 25N 821K
820
±10%
510
670
1360
150
20000
5
1.2
570
☆
●
JVR 25N 911K
910
±10%
550
745
1500
150
20000
5
1.2
620
☆
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com