Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVR Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # JVR
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVR Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button JVR Datasheet HTML 6Page - List of Unclassifed Manufacturers JVR Datasheet HTML 7Page - List of Unclassifed Manufacturers JVR Datasheet HTML 8Page - List of Unclassifed Manufacturers JVR Datasheet HTML 9Page - List of Unclassifed Manufacturers JVR Datasheet HTML 10Page - List of Unclassifed Manufacturers JVR Datasheet HTML 11Page - List of Unclassifed Manufacturers JVR Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Metal Oxide Varistor JVR Series
9
Ø 7mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 07S 180M
18
±20%
11
14
40
2.5
500
0.15
0.02
1.5
☆
○
□
JVR 07S 220L
22
±15%
14
18
48
2.5
500
0.15
0.02
1.7
☆
○
□
JVR 07S 270K
27
±10%
17
22
60
2.5
500
0.15
0.02
2.1
☆
○
□
JVR 07S 330K
33
±10%
20
26
73
2.5
500
0.15
0.02
2.8
☆
○
□
JVR 07S 390K
39
±10%
25
31
86
2.5
500
0.15
0.02
3.0
☆
○
□
JVR 07S 470K
47
±10%
30
38
104
2.5
500
0.15
0.02
3.8
☆
○
□
JVR 07S 560K
56
±10%
35
45
123
2.5
500
0.15
0.02
4.4
☆
○
□
JVR 07S 680K
68
±10%
40
56
150
2.5
500
0.15
0.02
5.4
☆
○
□
JVR 07S 820K
82
±10%
50
65
145
10
1750
1.0
0.25
7.0
☆
○
□
JVR 07S 101K
100
±10%
60
85
175
10
1750
1.0
0.25
9.0
☆
○
□
JVR 07S 121K
120
±10%
75
100
210
10
1750
1.0
0.25
11.0
☆
○
□
JVR 07S 151K
150
±10%
95
125
260
10
1750
1.0
0.25
13.0
☆
○
□
JVR 07S 181K
180
±10%
115
150
320
10
1750
1.0
0.25
16.0
☆
○
□
JVR 07S 201K
200
±10%
130
170
355
10
1750
1.0
0.25
17.5
☆
○
□
JVR 07S 221K
220
±10%
140
180
380
10
1750
1.0
0.25
19.0
☆
○
□
JVR 07S 241K
240
±10%
150
200
415
10
1750
1.0
0.25
21.0
☆
○
□
JVR 07S 271K
270
±10%
175
225
475
10
1750
1.0
0.25
24
☆
○
□
JVR 07S 301K
300
±10%
195
250
525
10
1750
1.0
0.25
26.0
☆
○
□
JVR 07S 331K
330
±10%
210
275
575
10
1750
1.0
0.25
28
☆
○
□
JVR 07S 361K
360
±10%
230
300
620
10
1750
1.0
0.25
32
☆
○
□
JVR 07S 391K
390
±10%
250
320
675
10
1750
1.0
0.25
35
☆
○
□
JVR 07S 431K
430
±10%
275
350
745
10
1750
1.0
0.25
40
☆
○
□
JVR 07S 471K
470
±10%
300
385
810
10
1750
1.0
0.25
42
☆
○
□
JVR 07S 511K
510
±10%
320
418
880
10
1750
1.0
0.25
45
☆
○
□
JVR 07S 561K
560
±10%
350
460
940
10
1750
1.0
0.25
51
☆
○
□
JVR 07S 621K
620
±10%
385
505
1050
10
1750
1.0
0.25
54
☆
○
□
JVR 07S 681K
680
±10%
420
560
1150
10
1750
1.0
0.25
56
☆
○
□
JVR 07S 751K
750
±10%
460
615
1290
10
1750
1.0
0.25
58
☆
○
□
JVR 07S 781K
780
±10%
485
640
1290
10
1750
1.0
0.25
59
☆
○
□
JVR 07S 821K
820
±10%
510
670
1355
10
1750
1.0
0.25
60
☆
○
□



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com