Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVT Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # JVT
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVT Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button JVT Datasheet HTML 12Page - List of Unclassifed Manufacturers JVT Datasheet HTML 13Page - List of Unclassifed Manufacturers JVT Datasheet HTML 14Page - List of Unclassifed Manufacturers JVT Datasheet HTML 15Page - List of Unclassifed Manufacturers JVT Datasheet HTML 16Page - List of Unclassifed Manufacturers JVT Datasheet HTML 17Page - List of Unclassifed Manufacturers JVT Datasheet HTML 18Page - List of Unclassifed Manufacturers JVT Datasheet HTML 19Page - List of Unclassifed Manufacturers JVT Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Metal Oxide Varistor JVT Series
15
Ø 14mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVT 14U 181K
180
±10%
115
150
300
50
8000
3
0.6
60
☆
●
□
JVT 14U 201K
200
±10%
130
170
340
50
8000
3
0.6
82
☆
●
■
JVT 14U 221K
220
±10%
140
180
360
50
8000
3
0.6
90
☆
●
■
JVT 14U 241K
240
±10%
150
200
395
50
8000
3
0.6
98
☆
●
■
JVT 14U 271K
270
±10%
175
225
455
50
8000
3
0.6
116
☆
●
■
JVT 14U 301K
300
±10%
195
250
505
50
8000
3
0.6
128
☆
●
■
JVT 14U 331K
330
±10%
210
275
550
50
8000
3
0.6
140
☆
●
■
JVT 14U 361K
360
±10%
230
300
595
50
8000
3
0.6
158
☆
●
■
JVT 14U 391K
390
±10%
250
320
650
50
8000
3
0.6
170
☆
●
■
JVT 14U 431K
430
±10%
275
350
710
50
8000
3
0.6
185
☆
●
■
JVT 14U 471K
470
±10%
300
385
775
50
8000
3
0.6
205
☆
●
■
JVT 14U 511K
510
±10%
320
418
842
50
8000
3
0.6
220
☆
●
■
JVT 14U 561K
560
±10%
350
460
920
50
8000
3
0.6
240
☆
●
■
JVT 14U 621K
620
±10%
385
505
1025
50
8000
3
0.6
250
☆
●
■
JVT 14U 681K
680
±10%
420
560
1120
50
8000
3
0.6
260
☆
●
■
JVT 14U 751K
750
±10%
460
615
1240
50
8000
3
0.6
270
☆
●
■
JVT 14U 781K
780
±10%
485
640
1290
50
8000
3
0.6
274
☆
●
■
JVT 14U 821K
820
±10%
510
670
1355
50
8000
3
0.6
280
☆
●
■
JVT 14U 911K
910
±10%
550
745
1500
50
8000
3
0.6
295
☆
●
■
JVT 14U 102K
1000
±10%
625
825
1650
50
8000
3
0.6
335
☆
●
■
JVT 14U 112K
1100
±10%
680
895
1815
50
8000
3
0.6
360
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com