Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JVT
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JVT Datasheet HTML 1Page - List of Unclassifed Manufacturers JVT Datasheet HTML 2Page - List of Unclassifed Manufacturers JVT Datasheet HTML 3Page - List of Unclassifed Manufacturers JVT Datasheet HTML 4Page - List of Unclassifed Manufacturers JVT Datasheet HTML 5Page - List of Unclassifed Manufacturers JVT Datasheet HTML 6Page - List of Unclassifed Manufacturers JVT Datasheet HTML 7Page - List of Unclassifed Manufacturers JVT Datasheet HTML 8Page - List of Unclassifed Manufacturers JVT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Metal Oxide Varistor JVT Series
1
Features
1. RoHS / Halogen-Free (HF) compliant
2.
Body size: Ф5 ~ Ф25mm
3. Wide operating voltage range: 11Vac ~ 680
Vac
4. Operating temperature range: -40°C ~ +125°C
5. Storage temperature range: -40°C ~ +125°C
6. Agency recognition: UL 1449 4 th / CUL / VDE/
CQC
Applications
1. Power supply
2. Home appliance
3. Industrial equipment
4. LED driver
5. Smart meter
6. Photovoltaic industry
How to order
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
J
V
T
1
0
S
1
8
1
K
6
5
Y
A
W
①
②
③
④
⑤
⑥
⑦
⑧
⑨
①
Product
Type
JVT series
④
Varistor
Voltage
V1mA
180=18V
181=180V
182=1800V
⑦
Lead
Spacing
5 = 5mm
7 = 7.5mm
1 = 10mm
②
Body
Size
05S = 5mm
07S = 7mm
10S = 10mm
14S = 14mm
20S = 20mm
25S = 25mm
⑤
Tolerance
of V1mA
K=±10%
L = ±15%
M = ±20%
M = ±25%
⑧ Lead Style
P = Straight Lead
Y = Vertical Kink Lead
*Special lead styles per request
③
Series
N = Standard
S = High Surge
U = Ultra Surge
⑥
Lead
Diameter
6 = 0.6mm
8 = 0.8mm
1 = 1.0mm
⑨ Packaging
50 = 5± 1.0mm for Straight lead
5± 0.5mm for Kink lead
U4 = 24mm min. for Bulk and
Kink lead
U5 = 25mm min. for Bulk and
Straight lead
AW = H0 16mm for Ammo and
Kink lead
AY = H0 20mm for Ammo and
Straight lead
RW = H0 16mm for T / R and
Kink lead
RY = H0 20mm for T / R and
Straight lead
*Special spec per request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com