Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JVT
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JVT Datasheet HTML 1Page - List of Unclassifed Manufacturers JVT Datasheet HTML 2Page - List of Unclassifed Manufacturers JVT Datasheet HTML 3Page - List of Unclassifed Manufacturers JVT Datasheet HTML 4Page - List of Unclassifed Manufacturers JVT Datasheet HTML 5Page - List of Unclassifed Manufacturers JVT Datasheet HTML 6Page - List of Unclassifed Manufacturers JVT Datasheet HTML 7Page - List of Unclassifed Manufacturers JVT Datasheet HTML 8Page - List of Unclassifed Manufacturers JVT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
PRODUCT
Metal Oxide Varistor
SERIES
JVT Series
PART NO.
QUICK
REFERENCE
DATA
PARAMETER
VALUE
UNIT
Size
Ø5~Ø 25
mm
Varistor Voltage
V1mA
18~1100 V
Volt
Max. Clamping
Voltage
40~1815 V
Volt
Withstanding Surge
Current ( 8/20μs )
100~20000 A
Amp
Energy (10/1000μs)
0.6~720 J
Joule
ISSUE DATE
2022/09/12
REVISION DATE
2022/09/12
REFERENCE NO.
Disclaimer:
 This datasheet is downloaded from the Website of Joyin Co., Ltd, and Joyin Co., Ltd. reserves all rights for modification content without further notification.
 All product, specification and data are subject to change without notice.
 Joyin Co., Ltd, its affiliates, agents, employees, and all persons acting on its or their behalf, hereby disclaim any and all liability for any errors, inaccuracies or incompleteness
contained in any product related information, including but not limited to product specifications, datasheets, pictures and/or graphics.
 Joyin Co., Ltd makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. It
is the customer's responsibility to validate that a particular product is suitable for use in a particular application.
 To the maximum extent permitted by applicable law, Joyin Co., Ltd disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability,
including without limitation special, consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
 If you have any questions, please contact our sales staff.
AEC-Q200 Qualified
RoHS COMPLIANCE ITEM
Halogen Free


Similar Part No. - JVT

ManufacturerPart #DatasheetDescription
logo
RFE international
JVT05N080K11YAW RFE-JVT05N080K11YAW Datasheet
467Kb / 2P
METAL OXIDE VARISTOR
2019.09.05
JVT05N080K15YAW RFE-JVT05N080K15YAW Datasheet
467Kb / 2P
METAL OXIDE VARISTOR
2019.09.05
JVT05N080K17YAW RFE-JVT05N080K17YAW Datasheet
467Kb / 2P
METAL OXIDE VARISTOR
2019.09.05
JVT05N080K61YAW RFE-JVT05N080K61YAW Datasheet
467Kb / 2P
METAL OXIDE VARISTOR
2019.09.05
JVT05N080K65YAW RFE-JVT05N080K65YAW Datasheet
467Kb / 2P
METAL OXIDE VARISTOR
2019.09.05
More results

Similar Description - JVT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
Metal Oxide Varistor
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
Metal Oxide Varistor
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
Metal Oxide Varistor
logo
List of Unclassifed Man...
G ETC2-G_V01 Datasheet
214Kb / 9P
Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVZ ETC-JVZ Datasheet
1Mb / 21P
Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com