Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVZ Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # JVZ
Description  Metal Oxide Varistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVZ Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button JVZ Datasheet HTML 13Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 14Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 15Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 16Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 17Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 18Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 19Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 20Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Metal Oxide Varistor JVZ Series
20
Marking and Packaging
Series
Part No.
5mm
7mm
10mm
14mm
20mm
25mm
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
Reel Ammo
Bulk
(Box)
180M ~ 470K
5000 1500 1500 5000 1500 1500
2500 1000
500
1500 750
500
750
500
500
-
560K ~ 680K
5000 1500 1000 5000 1500 1000
2500 1000
500
1500 750
500
750
500
500
-
820K ~ 391K
5000 1500 1500 5000 1500 1500
2500 1000
500
1500 750
500
750
500
500
750
431K ~ 471K
5000 1500 1000 5000 1000 1000
2000
750
500
1500 750
500
750
500
500
750
511K ~ 821K
4000 1000 1000 4000 1000 1000
1500
500
500
750
500
500
450
500
500
450
911K ~ 122K
-
-
-
-
-
-
1500
500
350
750
500
350
450
-
-
450
142K ~ 182K
-
-
-
-
-
-
750
-
-
450
-
-
300
-
-
-
Packaging
Bulk (Box)
Reel
Reel
(14 mm, 20 mm)
Ammo
(5 mm, 7 mm)
Ammo
(10 mm, 14 mm)
Ammo
(20 mm)
Box size ( mm )
290 × 155 × 110
350 × 350 × 105 346 × 346 × 72
335 × 245 × 43
347 × 246 × 50
348 × 255 × 60
Carton size
( mm )
328 × 310 × 250
370 × 370 × 590 370 × 370 ×468
515 × 354 × 258 515 × 364 × 246 535 × 365 × 275
One carton with
4 Boxes
5 Boxes
( 10 reels )
6 Boxes
( 6 reels )
10 Boxes
8 Boxes
8 Boxes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com