Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JVZ
Description  Metal Oxide Varistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JVZ Datasheet HTML 1Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 2Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 3Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 4Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 5Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 6Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 7Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 8Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Metal Oxide Varistor JVZ Series
3
Ø 7mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVZ 07N 180M
18
±20%
11
14
40
2.5
250
0.15
0.02
1.2
☆
○
□
JVZ 07N 220L
22
±15%
14
18
48
2.5
250
0.15
0.02
1.4
☆
○
□
JVZ 07N 270K
27
±10%
17
22
60
2.5
250
0.15
0.02
1.7
☆
○
□
JVZ 07N 330K
33
±10%
20
26
73
2.5
250
0.15
0.02
2.2
☆
○
□
JVZ 07N 390K
39
±10%
25
31
86
2.5
250
0.15
0.02
2.4
☆
○
□
JVZ 07N 470K
47
±10%
30
38
104
2.5
250
0.15
0.02
3.0
☆
○
□
JVZ 07N 560K
56
±10%
35
45
123
2.5
250
0.15
0.02
3.5
☆
○
□
JVZ 07N 680K
68
±10%
40
56
150
2.5
250
0.15
0.02
4.3
☆
○
□
JVZ 07N 820K
82
±10%
50
65
145
10
1200
0.5
0.25
5.5
☆
○
□
JVZ 07N 101K
100
±10%
60
85
175
10
1200
0.5
0.25
7.0
☆
○
□
JVZ 07N 121K
120
±10%
75
100
210
10
1200
0.5
0.25
8.0
☆
○
□
JVZ 07N 151K
150
±10%
95
125
260
10
1200
0.5
0.25
11.0
☆
○
□
JVZ 07N 181K
180
±10%
115
150
320
10
1200
0.5
0.25
13.0
☆
○
□
JVZ 07N 201K
200
±10%
130
170
355
10
1200
0.5
0.25
14.3
☆
○
□
JVZ 07N 221K
220
±10%
140
180
380
10
1200
0.5
0.25
15.5
☆
○
□
JVZ 07N 241K
240
±10%
150
200
415
10
1200
0.5
0.25
16.8
☆
○
□
JVZ 07N 271K
270
±10%
175
225
475
10
1200
0.5
0.25
19.8
☆
○
□
JVZ 07N 301K
300
±10%
195
250
525
10
1200
0.5
0.25
21.0
☆
○
□
JVZ 07N 331K
330
±10%
210
275
575
10
1200
0.5
0.25
23.0
☆
○
□
JVZ 07N 361K
360
±10%
230
300
620
10
1200
0.5
0.25
26.0
☆
○
□
JVZ 07N 391K
390
±10%
250
320
675
10
1200
0.5
0.25
30.0
☆
○
□
JVZ 07N 431K
430
±10%
275
350
745
10
1200
0.5
0.25
33.0
☆
○
□
JVZ 07N 471K
470
±10%
300
385
810
10
1200
0.5
0.25
35.0
☆
○
□
JVZ 07N 511K
510
±10%
320
418
880
10
1200
0.5
0.25
37.0
☆
○
□
JVZ 07N 561K
560
±10%
350
460
940
10
1200
0.5
0.25
39.0
☆
○
□
JVZ 07N 621K
620
±10%
385
505
1050
10
1200
0.5
0.25
41.0
☆
○
□
JVZ 07N 681K
680
±10%
420
560
1150
10
1200
0.5
0.25
43.0
☆
○
□
JVZ 07N 751K
750
±10%
460
615
1290
10
1200
0.5
0.25
45.0
☆
○
□
JVZ 07N 781K
780
±10%
485
640
1290
10
1200
0.5
0.25
46.0
☆
○
□
JVZ 07N 821K
820
±10%
510
670
1355
10
1200
0.5
0.25
47.0
☆
○
□



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com