Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVZ Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # JVZ
Description  Metal Oxide Varistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JVZ Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button JVZ Datasheet HTML 11Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 12Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 13Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 14Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 15Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 16Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 17Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 18Page - List of Unclassifed Manufacturers JVZ Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Metal Oxide Varistor JVZ Series
14
Ø 7mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVZ 07U 180M
18
±20%
11
14
36
2.5
1500
0.5
0.02
1.2
☆
○
□
JVZ 07U 220L
22
±15%
14
18
43
2.5
1500
0.5
0.02
1.4
☆
○
□
JVZ 07U 270K
27
±10%
17
22
53
2.5
1500
0.5
0.02
1.7
☆
○
□
JVZ 07U 330K
33
±10%
20
26
65
2.5
1500
0.5
0.02
2.2
☆
○
□
JVZ 07U 390K
39
±10%
25
31
77
2.5
1500
0.5
0.02
2.4
☆
○
□
JVZ 07U 470K
47
±10%
30
38
93
2.5
1500
0.5
0.02
3.0
☆
○
□
JVZ 07U 560K
56
±10%
35
45
110
2.5
1500
0.5
0.02
3.5
☆
○
□
JVZ 07U 680K
68
±10%
40
56
135
2.5
1500
0.5
0.02
4.3
☆
○
□
JVZ 07U 181K
180
±10%
115
150
300
10
1800
1
0.25
19
☆
○
□
JVZ 07U 201K
200
±10%
130
170
340
10
1800
1
0.25
21
☆
○
□
JVZ 07U 221K
220
±10%
140
180
360
10
1800
1
0.25
23
☆
○
□
JVZ 07U 241K
240
±10%
150
200
395
10
1800
1
0.25
25
☆
○
□
JVZ 07U 271K
270
±10%
175
225
455
10
1800
1
0.25
28
☆
○
□
JVZ 07U 301K
300
±10%
195
250
505
10
1800
1
0.25
32
☆
○
□
JVZ 07U 331K
330
±10%
210
275
550
10
1800
1
0.25
34
☆
○
□
JVZ 07U 361K
360
±10%
230
300
595
10
1800
1
0.25
37
☆
○
□
JVZ 07U 391K
390
±10%
250
320
650
10
1800
1
0.25
40
☆
○
□
JVZ 07U 431K
430
±10%
275
350
710
10
1800
1
0.25
46
☆
○
□
JVZ 07U 471K
470
±10%
300
385
775
10
1800
1
0.25
49
☆
○
□
JVZ 07U 511K
510
±10%
320
418
842
10
1800
1
0.25
54
☆
○
□
JVZ 07U 561K
560
±10%
350
460
920
10
1800
1
0.25
55
☆
○
□
JVZ 07U 621K
620
±10%
385
505
1025
10
1800
1
0.25
59
☆
○
□
JVZ 07U 681K
680
±10%
420
560
1120
10
1800
1
0.25
62
☆
○
□
JVZ 07U 751K
750
±10%
460
615
1240
10
1800
1
0.25
66
☆
○
□
JVZ 07U 781K
780
±10%
485
640
1290
10
1800
1
0.25
68
☆
○
□
JVZ 07U 821K
820
±10%
510
670
1355
10
1800
1
0.25
71
☆
○
□



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com