Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT9817-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DT9817-R
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DT9817-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DT9817-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
8-Channel Multiplexer
12-Bit A/D
Converter
DAC 1
DAC 0
C/T Out 0
C/T Gate 0
C/T In 0
External Clock
External Trigger
DOUT7
DOUT0
DIN7
DIN0
+5 V
ESD Protected to 4000 V
ESD Protected to 4000 V
+2.5 V Reference
A/D Ch7
A/D Ch6
A/D Ch5
A/D Ch4
A/D Ch3
A/D Ch2
A/D Ch1
A/D Ch0
A/D Clock
Power
Supply
32-Bit
Counter/Timer
From USB
Port
Digital
I/O
12-Bit D/A
Converter
USB 2.0 or 1.1
Port
DT9812
Block Diagram of the DT9812-10V, DT9812-10V-OEM, and DT9812A Modules.
All DT9812 versions provide 8 analog inputs with 12-bit resolution, 2 analog outputs, 16 digital I/O, and 1 counter/timer.
DT9812-10V
DT9812-10V-OEM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com