Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT9817-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DT9817-R
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DT9817-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DT9817-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 9Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
DT9810 modules feature a full-scale input signal range of
0 to 2.44 V. If you need a full-scale input signal range of
±10 V, the DT9812, DT9813, DT9814, and DT9816 modules
are available. The DT9816 modules also feature a full-
scale input signal range of ± 5 V.
The DT9812, DT9813, and DT9814 modules provide
programmable gains of 1, 2, 4, and 8; and the DT9816
modules provide gains of 1 and 2.
Throughput
Before selecting a module, consider the pros and cons
of the analog input architecture and what kind of
throughput you need.
Modules with multiplexed inputs, such as the DT9810,
DT9812, DT9813, and DT9814 modules provide only
one A/D converter that is shared by the inputs. A
multiplexer selects or switches the channel to acquire,
which introduces a settling time and phase shift between
channels. In a multiplexed architecture, the total or
aggregate throughput is the maximum rate of the
sample clock. The DT9810 provides an aggregate sample
rate of up 25 kS/s, while the DT9812-10V, DT9813-10V,
and DT9814-10V provide an aggregate sample rate of up
to 50 kS/s, and the DT9812A and DT9813A provide an
aggregate throughput of up to 100 kS/s. The per channel
rate is determined by dividing the maximum sample rate
by the number of inputs sampled. For example, if you are
acquiring 8 inputs on a DT9812-10V, the per channel rate
is 6.25 kS/s.
In contrast, modules that provide separate A/D
converters per channel, such as the DT9816, DT9816-A,
and DT9816-S, eliminate the phase shift between signals,
allowing you to correlate simultaneous measurements of
multiple inputs. The per channel sample rate, in this case,
is the maximum rate of the sample clock (50 kS/s for the
DT9816, 150 kS/s for the DT9816-A, and 750 kS/s for the
DT9816-S). The aggregate total throughput is the number
of channels times the per channel throughput.
Input Triggers
A trigger is an event that occurs based on a specified set
of conditions. Acquisition starts when the module detects
the initial trigger event and stops when the buffers
on the queue have been filled or when you stop the
operation.
Effective Input Range
Module
Gain
Bipolar Input Range
DT9812-10V
DT9812A
DT9813-10V
DT9813A
DT9814-10V
1
±10 V
2
±5 V
4
±2.5 V
8
±1.25 V
DT9816
DT9816-A
DT9816-S
1
±10 V
2
±5 V
The DT9812, DT9813, DT9814, and DT9816 Series modules
support the following trigger sources:
• Software trigger
• External digital (TTL) trigger
Analog Outputs
DT9812, DT9813, and DT9814 Series modules provide two
12-bit analog output channels (DACs). The modules can
output data from a single analog output channel or from
both analog output channels.
The DT9812-10V, DT9812-10V-OEM, DT9812A,
DT9813-10V, DT9813A and DT9814-10V modules provide
a fixed output range of ±10 V.
Output Trigger
A trigger is an event that occurs based on a specified set
of conditions. The DT9812, DT9813, and DT9814 Series
modules support a software trigger for starting analog
output operations. Using a software trigger, the module
starts outputting data when it receives a software
command.
Waveform Generation
Generate sine, rectangle, triangle, or DC waveforms from
one or both analog output channels. You can select the
frequency, amplitude, duty, and offset cycle of the signal.
For the DT9812-10V, DT9812-10V-OEM, DT9813-10V,
DT9814-10V, the output frequency ranges between 30 Hz
and 50 kHz. For the DT9812A and DT9813A, the output
frequency ranges between 30 Hz and 75 kHz.
Digital I/O Lines
The DT9812 Series modules provide 8 dedicated digital
input lines and 8 dedicated digital output lines. The
DT9813 Series modules provide 4 dedicated digital input
lines and 4 dedicated digital output lines. The DT9814
Series modules do not support digital I/O operations. The
DT9812-10V, DT9816, DT9816-A, and DT9816-S modules
feature 8 digital input lines and 8 digital output lines. The
DT9813-10V provides 4 digital input lines, and 4 digital
output lines.
The DT9810 module provides 20 programmable digital
I/O lines. If you need more digital I/O lines and do not
need analog I/O functionality, select the DT9817-H
module, which provides 28 programmable digital I/O
lines. The DT9810 can source 4.5 mA and sink 10 mA. The
DT9817-H provides high-drive capability, and can source
15 mA and sink 64 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com