Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT9817-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DT9817-R
Description  Low Cost USB Data Acquisition Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DT9817-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DT9817-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 6Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 7Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 8Page - List of Unclassifed Manufacturers DT9817-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
ECONseries Design Advantages
The ECONseries provides 10 MΩ of input impedance for
virtually error-free analog input measurements.
The ECONseries provides 4000 V touch and 8000 V gap
ESD protection circuitry for superior noise immunity.
Prevents Measurement Errors
Operates Reliably
The DT9812-10V, DT9813-10V, and the DT9814-10V
modules provide 2 waveform DACs for generating sine,
ramp, triangle, square wave, and DC signals.
Programmable edges allow you to use the counter/timer
of an ECONseries module to measure the pulse width,
frequency, and period of a signal.
Prevents Measurement Errors
Detects Edges for Pulse Width, Frequency, and Period
Measurements
Electro-Static Discharge ESD
protection up to 8000 V
4000 V Touch and 8000 V
Gap ESD Protection
Built-in Waveform Generator for generating sine, ramp, triangle,
square wave, and DC signals.
All I/O functions of the ECONseries are independent and are
performed simultaneously.
Performs Simultaneous Operations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com