Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW1172 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW1172 Datasheet HTML 9Page - Anpec Electronics Coropration APW1172 Datasheet HTML 10Page - Anpec Electronics Coropration APW1172 Datasheet HTML 11Page - Anpec Electronics Coropration APW1172 Datasheet HTML 12Page - Anpec Electronics Coropration APW1172 Datasheet HTML 13Page - Anpec Electronics Coropration APW1172 Datasheet HTML 14Page - Anpec Electronics Coropration APW1172 Datasheet HTML 15Page - Anpec Electronics Coropration APW1172 Datasheet HTML 16Page - Anpec Electronics Coropration APW1172 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
13
Application Description (Cont.)
(3)
S
on
DT
T
=
(3)
S
on
DT
T
=
(2)
D
CE
IN
D
O
V
V
V
V
V
D
+
−
+
=
(2)
D
CE
IN
D
O
V
V
V
V
V
D
+
−
+
=
(1)
on
O
CE
IN
T
I
V
V
V
L
∆
−
−
=
(1)
on
O
CE
IN
T
I
V
V
V
L
∆
−
−
=
%
78
.
34
V
7
.
0
V
2
.
1
V
12
V
7
.
0
V
3
.
3
D
=
+
−
+
=
by (2)
%
78
.
34
V
7
.
0
V
2
.
1
V
12
V
7
.
0
V
3
.
3
D
=
+
−
+
=
by (2)
s
3912
.
1
s
4
%
78
.
34
DT
T
S
on
µ
=
µ
×
=
=
by (3)
s
3912
.
1
s
4
%
78
.
34
DT
T
S
on
µ
=
µ
×
=
=
by (3)
H
39
.
17
s
3912
.
1
A
6
.
0
V
3
.
3
V
2
.
1
V
12
L
1
µ
=
µ
−
−
=
by (1)
H
695
.
8
s
3912
.
1
A
2
.
1
V
3
.
3
V
2
.
1
V
12
L
2
µ
=
µ
−
−
=
by (1)
H
39
.
17
s
3912
.
1
A
6
.
0
V
3
.
3
V
2
.
1
V
12
L
1
µ
=
µ
−
−
=
by (1)
H
695
.
8
s
3912
.
1
A
2
.
1
V
3
.
3
V
2
.
1
V
12
L
2
µ
=
µ
−
−
=
by (1)
output capacitor induce the output ripple voltage. In
general, the ripple current is usually fixed at 20%~40%
of maximum output current,that is 0.6A~1.2A with
maximum output current equal 3A. The value of
inductor can approximate by (1)
Where V
IN is the input v oltage, VCE is the v oltage
across the pass element when it conduct, V
O is the
output voltage,
∆I is the ripple current flowing through
the inductor and Ton is the on period that determined
by V
O and VIN. The exact Ton can obtained by (2) and(3)
Where VD is the forward voltage of the wheeling diode.
Where T
S is the period of whole cycle. It equal 1/FS
where F
S is the switching frequency of APW 1172. For
example, V
IN = 12V, VO = 3.3V, VD = 0.7V, IO = 3A,
ripple current is I
O (20%~40%) = 0.6A ~ 1.2A, VCE
=1.2V, F
S = 250KHz
For the worst case ripple current equal 0.6A ~ 1.2A
for ripple current is 0.6A… …
for ripple current is 1.2A… …
Use the worst case to approximate the minimum value
of inductor. In worst ripple current condition, smaller
dimension of inductor to save the board space. In
other way, devote the performance by higher ripple
current. If select a greater inductor, the ripple current
will be smaller and a better performance is got. This
tradeoff is an useful method to decide a better
performance or a smaller inductor size.
Output Capacitor
The APW1172 requires a proper output capacitor to
maintain stability and improve transient response over
temperature and current. The output capacitor
selection is dependent upon ESR (equivalent series
resistance) and capacitance of the output capacitor
over the operating temperature.
Consider the output ripple voltage that absorbed in
the application.Output ripple voltage consist of two
parts.It show as (4)
In previously,use the parameter
∆I to decide the value of
the inductor. As the same manner,use the parameter
∆I
to approximate the value of output capacitor.
The first part of output ripple voltage,V1,is related to
the ESR of output capacitor.It show as (5)
The second part of output ripple v oltage,V2,can
calculated by (6)
These two parameters determine the value of output
ripple voltage and the efficiency. More output ripple
voltage cause the efficiency decreased.The output
ripple voltage means the energy loss in the ESR and
the energy loss in the transition path while the energy
stored and removed in the output capacitor.In other
aspect,the ESR and the value of output capacitor
Inductor (Cont.)
(5)
I
ESR
V
∆
×
=
1
(5)
I
ESR
V
∆
×
=
1
S
2
T
C
8
I
V
∆
=
(6)
S
2
T
C
8
I
V
∆
=
(6)
2
1
V
V
V
ripple
+
=
(4)
2
1
V
V
V
ripple
+
=
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com