Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW1172 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW1172 Datasheet HTML 13Page - Anpec Electronics Coropration APW1172 Datasheet HTML 14Page - Anpec Electronics Coropration APW1172 Datasheet HTML 15Page - Anpec Electronics Coropration APW1172 Datasheet HTML 16Page - Anpec Electronics Coropration APW1172 Datasheet HTML 17Page - Anpec Electronics Coropration APW1172 Datasheet HTML 18Page - Anpec Electronics Coropration APW1172 Datasheet HTML 19Page - Anpec Electronics Coropration APW1172 Datasheet HTML 20Page - Anpec Electronics Coropration APW1172 Datasheet HTML 21Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
21
Customer Service
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Cover Tape Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOP- 8-P
12
9.3
2500
Carrier Tape(Cont.)
A
J
B
T2
T1
C
Application
A
B
C
J
T1
T2
W
P
E
SOP-8-P
330
±1
62
± 1.5
12.75 +
0.1 5
2 + 0.5
12.4 +0.2
2
± 0.2
12 + 0.3
- 0.1
8
± 0.1
1.75
± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP-8-P
5.5
± 0.1 1.55±0.1 1.55+ 0.25 4.0 ± 0.1 2.0 ± 0.1 6.4 ± 0.1 5.2± 0.1
2.1
± 0.1 0.3±0.013
(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com