Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

555M-3003 Datasheet(PDF) 6 Page - LEDTRONICS, INC

Part # 555M-3003
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-3003 Datasheet(HTML) 6 Page - LEDTRONICS, INC

Back Button 555M-3003 Datasheet HTML 2Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 3Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 4Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 5Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 6Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 7Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 8Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 9Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 10Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
.135
.135
.135
[3.4]
[3.4]
[3.4]
SINGLE LEVEL T1 [5mm] LEDs
3/
4
.248
.248
.356
.360
.470
.355
.355
.248
.248
.248
.248
.245
.245
.300
.248
.248
.514
.762
1.010
.248
.248
.266
.100
.100
.100
.100
.100
.030
.100
.100
.500 MIN
.500 MIN
.190
.190
.210
.230
.050
.190
.190
.200
.200
.200
.200
.300
.200
.200
.248
.125
.125
.125
.125
.125
.125
.125
.125
.248
.324
.430
.520
.200
.300
.375
.248
.248
.248
.248
.100
.100
.266
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
[6.3]
[3.2]
[3.2]
STAND OFF
SNAP IN
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[8.2]
[10.9]
[13.2]
[5.1]
[7.6]
[9.5]
[6.3]
[6.3]
[6.3]
[6.3]
[2.6]
[2.6]
[6.8]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[6.3]
[6.3]
[9.1]
[9.1]
[11.9]
[9.0]
[9.0]
[6.3]
[6.3]
[6.3]
[6.3]
[6.2]
[6.2]
[7.6]
[6.3]
[6.3]
[13.1]
[19.4]
[25.7]
[6.3]
[6.3]
[6.8]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[0.8]
[2.6]
[2.6]
[12.7]
[12.7]
[4.8]
[4.8]
[5.3]
[5.8]
[1.3]
[4.8]
[4.8]
[5.1]
[5.1]
[5.1]
[5.1]
[7.6]
ALSO AVAILABLE FOR PCT200, PCV200, PC190, PCT190, PCV190
[5.1]
[5.1]
PC190
PC200
PCT220
PCT230
PCT240
PCT190
PCT200
PCV190
PCV200
SI
OS
OS
IL
IL
SO
12PC200
13PC200
14PC200
Options
Arrays
5
RED
COLOR
R
CODE
2.0/2.8
Vf
12/38
Iv mcd
20/30
mA
YELLOW
Y
2.1/2.8
8/25
20/30
GREEN
G
2.2/2.8
8/25
20/30
BLUE
B
3.2/3.7
4/8
20/30
+
+
+
+
+
+
+
+
+
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED COLOR
PCT200TX4
SPECIALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com