Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

555M-3003 Datasheet(PDF) 9 Page - LEDTRONICS, INC

Part # 555M-3003
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-3003 Datasheet(HTML) 9 Page - LEDTRONICS, INC

Back Button 555M-3003 Datasheet HTML 4Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 5Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 6Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 7Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 8Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 9Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 10Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 11Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 12Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
.190
.190
.170
.170
.190
.170
.045
[4.8]
[4.8]
[4.3]
[4.3]
[4.8]
[4.3]
[1.2]
SINGLE LEVEL RECTANGULAR LEDs
BILEVEL RECTANGULAR LEDs
.248
.248
.248
.248
.355
.355
.605
.248
.248
.248
.248
LED SIZE 2mm x 5mm
LED SIZE 2mm x 5mm
LED SIZE 2mm x 5mm
LED SIZE 1mm x 5mm
LED SIZE 1mm x 5mm
LED SIZE 1mm x 5mm
.248
.248
.098
.098
.070
.070
.100
.100
.100
.100
.100
.125
.125
.100 TYP
.200
.200
.200
.200
.205
.248
.125
.125
.125
.125
.248
.248
.248
.248
.248
.440
.440
.153
.153
.325
.325
.125
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.140
[6.3]
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[11.2]
[11.2]
[3.9]
[3.9]
[8.3]
[8.3]
[3.2]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[3.6]
LED 1
LED 2
LED 2
LED 2
LED 1
[6.3]
[6.3]
[6.3]
[6.3]
[9.0]
[9.0]
[15.4]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[2.5]
[2.5]
[1.8]
[1.8]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[3.2]
[3.2]
[2.6]
[5.1]
[5.1]
[5.1]
[5.1]
[5.2]
RP240
RPV240
RPT240
RP280
RPV280
RPT280
21RP070
21RPV070
RED
RED
RED
COLOR
COLOR
R
RP280
RPT280
RPV280
RP210
RPT210
RPV210
SP200
SPT200
SPV200
R
R
RP240
RPT240
RPV240
CODE
CODE
CODE
SERIES
SERIES
2.0/2.8
2.0/2.8
2.0/2.8
Vf
Vf
1.5/3.8
2.0/4.0
1.2/3.0
Iv mcd
Iv mcd
10/30
10/30
10/30
mA
mA
YELLOW
YELLOW
YELLOW
Y
Y
Y
2.1/2.8
2.1/2.8
2.1/2.8
1.5/3.0
1.5/3.0
1.0/2.3
10/30
10/30
10/30
GREEN
GREEN
GREEN
G
G
G
2.1/2.8
2.1/2.8
2.1/2.8
1.5/3.0
1.5/3.0
1.2/3.0
10/30
10/30
10/30
BLUE
BLUE
BLUE
B
B
B
3.2/3.7
3.2/3.7
3.2/3.7
0.4/0.6
0.5/0.8
0.6/1.1
30/50
30/50
30/35
+
+
.100
.500 MIN
[12.7]
[2.6]
+
+
++
++
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
SPECIALS
.100
.500 MIN
[12.7]
[2.6]
+
.100
.500 MIN
[12.7]
[2.6]
+
.220
.220
.220
.220
.220
.220
.045
[5.6]
[5.6]
[5.6]
[5.6]
[5.6]
[5.6]
[1.2]
.248
.248
.248
.248
.355
.355
.605
.392
.294
.196
.098 TYP
.098 TYP
.098 TYP
.248
.248
.248
LED SIZE 5mm x 5mm
LED SIZE 5mm x 5mm
LED SIZE 5mm x 5mm
LED SIZE 2.5mm x 5mm
LED SIZE 2.5mm x 5mm
LED SIZE 2.5mm x 5mm
.248
.248
.248
.100
.100
.100
.100
.125
.125
.100 TYP
.200
.200
.200
.200
.125
.125
.125
.125
.248
.248
.248
.248
.248
.248
.125
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.140
.075
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[3.2]
[12.7]
[12.7]
[12.7]
[12.7]
LED 2
[3.6]
[1.9]
[6.3]
[6.3]
[6.3]
[6.3]
[9.0]
[9.0]
[15.4]
[10.0]
[7.5]
[5.0]
[2.5]
[2.5]
[2.5]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[2.6]
[2.6]
[2.6]
[2.6]
[3.2]
[3.2]
[2.6]
[5.1]
[5.1]
[5.1]
[5.1]
RP210
RPV210
RPT210
SP200
SPV200
SPT200
24RP070
23RP070
22RP070
RED
RED
COLOR
R
R
2.0/2.8
2.0/2.8
Vf
1.0/2.0
0.3/1.0
Iv mcd
10/30
10/30
mA
YELLOW
YELLOW
Y
Y
2.1/2.8
2.1/2.8
1.0/2.0
0.4/1.5
10/30
10/30
GREEN
GREEN
G
G
2.1/2.8
2.1/2.8
2.5/4.5
0.4/1.3
10/30
10/30
++
++
+
+
SAMPLE PART NUMBER:
LED COLOR
RP280X3
Arrays
8
SAMPLE PART NUMBER:
LED 1 COLOR
LED 2 COLOR
21RPV070T3-X/X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com