Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

555M-3003 Datasheet(PDF) 8 Page - LEDTRONICS, INC

Part # 555M-3003
Description  PCB LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-3003 Datasheet(HTML) 8 Page - LEDTRONICS, INC

Back Button 555M-3003 Datasheet HTML 4Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 5Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 6Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 7Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 8Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 9Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 10Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 11Page - LEDTRONICS, INC 555M-3003 Datasheet HTML 12Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
.100
.100
.100
[2.6]
[2.6]
[2.6]
.025
[0.6]
BILEVEL T1 [5mm] LEDs
3/
4
.450
.560
.560
.450
.450
.248
.248
.248
.248
.248
.036
.496
.744
.992
.100
.100
.100 TYP
.100 TYP
.100 TYP
.148
.148 TYP
.148 TYP
.120
.080
.190
.190
.120
.375
.375
.375
.375
.375
.230
.340
.340
.230
.230
.330
.440
.440
.330
.330
.500
.500
.500
.500
.500
.125
.125
.125
.125
.125
.150
.150
.150
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.275
.275
.275
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[3.8]
[3.8]
[3.8]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[7.0]
[7.0]
[7.0]
LED 2
LED 2
LED 2
LED 2
LED 2
LED 1
LED 2
LED 2
LED 2
LED 1
LED 1
LED 1
LED 1
LED 1
LED 1
LED 1
LED 2
LED 1
LED 2
LED 1
LED 2
LED 1
[11.4]
[14.2]
[14.2]
[11.4]
[11.4]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[0.9]
[12.6]
[18.9]
[25.2]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[3.8]
[3.8]
[3.8]
[3.1]
[2.0]
[4.8]
[4.8]
[3.0]
[9.5]
[9.5]
[9.5]
[9.5]
[9.5]
[5.8]
[8.6]
[8.6]
[5.8]
[5.8]
[8.4]
[10.2]
[10.2]
[8.4]
[8.4]
24PCT200-SI
23PCT200-SI
+
+
+
+
+
+
+++
+
+
+
+
+
22PCT200-SI
21PCT190
21PCS190
21PCS200
21PCT200
21PCT200-SI
21PCT190-SI
7
RED
COLOR
R
CODE
2.0/2.8
Vf
12/38
Iv mcd
20/30
mA
YELLOW
Y
2.1/2.8
8/25
20/30
GREEN
G
2.2/2.8
8/25
20/30
BLUE
B
3.2/3.7
4/8
20/30
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED 2 COLOR
SPECIAL OPTIONS
LED 1 COLOR
22PCT200T4-X/X-SI
SPECIALS
+
+
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com