Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3441
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3441 Datasheet HTML 5Page - Diodes Incorporated AP3441 Datasheet HTML 6Page - Diodes Incorporated AP3441 Datasheet HTML 7Page - Diodes Incorporated AP3441 Datasheet HTML 8Page - Diodes Incorporated AP3441 Datasheet HTML 9Page - Diodes Incorporated AP3441 Datasheet HTML 10Page - Diodes Incorporated AP3441 Datasheet HTML 11Page - Diodes Incorporated AP3441 Datasheet HTML 12Page - Diodes Incorporated AP3441 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
10 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Application Information (continued)
Input Capacitor
The input capacitor reduces the surge current drawn from the input supply and the switching noise from the device. The input capacitor has to
sustain the ripple current produced during the on time on the upper MOSFET. It must hence have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical parameter that must be higher than the RMS input current. As a rule of thumb, select an
input capacitor which has RMs rating that is greater than half of the maximum load current.
Due to large di/dt through the input capacitors, electrolytic or ceramics should be used. If a tantalum must be used, it must be surge protected.
Otherwise, capacitor failure could occur. For most applications, a 22µF ceramic capacitor is sufficient.
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability and reduces the overshoot of the output voltage. The
output capacitor is a basic component for the fast response of the power supply. In fact, during load transient, for the first few microseconds it
supplies the current to the load. The converter recognizes the load transient and sets the duty cycle to maximum, but the current slope is limited
by the inductor value.
ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated from the equation below:
ESR
*
ΔI
V
INDUCTOR
CAPACITOR
OUT
An output capacitor with ample capacitance and low ESR is the best option. For most applications, 2x22µF ceramic capacitor will be sufficient.
2
OUT
2
OUT
2
INDUCTOR
OUT
O
V
)
V
V
(
Δ
)
2
ΔI
L(I
C
Where
ΔV is the maximum output voltage overshoot.
Inductor Selection
The inductor is used to supply smooth current to output when it is driven by a switching voltage. Its value is determined based on the operating
frequency, load current, ripple current, and duty cycle. For most application, the value of the inductor will fall in the range of 1.0
mH to 2.2mH.
Choose an inductor that has small DC resistance, has enough current rating and is hard to cause magnetic saturation.
Vo
L(
mH)
1.0V
1.0µH
1.2V
1.0µH
1.5V
1.5 to 2.2µH
1.8V
1.5 to 2.2µH
2.5V
2.2µH
2.8V
2.2µH
3.3V
2.2µH
Table 2. Recommended Inductor Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com