Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441 Datasheet (PDF) - Diodes Incorporated

AP3441 Datasheet PDF - Diodes Incorporated
Part # AP3441
Download  AP3441 Download
File Size   776.64 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER

AP3441 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3441 Datasheet PDF - Diodes Incorporated

Part # AP3441
Download  AP3441 Click to download

File Size   776.64 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER

AP3441 Datasheet (HTML) - Diodes Incorporated


AP3441 Product details

Features
- Input Voltage: 2.7V to 5.5V
- Output Voltage: 0.6V to VIN
- 0.6V Reference Voltage with ±1.5% Precision
- 55μA (Typical) No Load Quiescent Current
- Shutdown Current: <1μA
- 100% Duty Cycle Operation
- 1MHz Switching Frequency
- No External Compensation Required
- Short Circuit Protection
441L: Latch Off Protection
AP3441: Hiccup Mode Protection
- Over Voltage Protection
AP3441L: Latch Off Protection
AP3441: Non Latch Off Protection
- Thermal Shutdown
- U-DFN2020-8 (Type E) Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- Post DC-DC Voltage Regulation
- Set Top Boxes
- Notebook Computer
- PAD




Similar Part No. - AP3441

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3441 DIODES-AP3441 Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
AP3441L DIODES-AP3441L Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
AP3441LSHE-7B DIODES-AP3441LSHE-7B Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
AP3441SHE-7B DIODES-AP3441SHE-7B Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
More results


Similar Description - AP3441

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
1MHz 3A Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
3A, 1MHz, Step Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
1MHz 2.5A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7121A AITSEMI-A7121A Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com