Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3441
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3441 Datasheet HTML 1Page - Diodes Incorporated AP3441 Datasheet HTML 2Page - Diodes Incorporated AP3441 Datasheet HTML 3Page - Diodes Incorporated AP3441 Datasheet HTML 4Page - Diodes Incorporated AP3441 Datasheet HTML 5Page - Diodes Incorporated AP3441 Datasheet HTML 6Page - Diodes Incorporated AP3441 Datasheet HTML 7Page - Diodes Incorporated AP3441 Datasheet HTML 8Page - Diodes Incorporated AP3441 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
2 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Typical Applications Circuit
R1
R2
VIN
EN
LX
FB
L1 2.2
mH
CIN
22
mF
VIN=2.7V to 5.5V
SGND
COUT
22
mFx2
VOUT=1.8V
OFF
ON
C1
22pF
200k
Ω
100k
Ω
PG
PGND
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
2
PG
Power good indicator, open drain output. PG is pulled up to VIN when the output voltage is
within 20% of the regulation level, otherwise it is low.
3
VIN
Bias supply. Chip main power supply pin
4
PGND
Power ground pin
5
NC
No connection
6
LX
The drains of the internal main and synchronous power MOSFET.
7
EN
Enable control input. Force this pin voltage above 1.5V enables the chip, and below 0.4V
shuts down the device.
8
SGND
Signal ground pin
EP
Exposed Pad
Exposed metal pad on the underside of the package without any electrical connection to
internal circuit. It is recommended to connect this pad to the PC board ground plane in order to
improve heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com