Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6010LPD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH6010LPD
Description  60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH6010LPD Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 7Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 8Page - Diodes Incorporated DMTH6010LPD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMTH6010LPD
Document number: DS38244 Rev. 3 - 2
1 of 9
www.diodes.com
November 2021
© Diodes Incorporated
DMTH6010LPD
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
60V
11m
Ω @ VGS = 10V
47.6A
16m
Ω @ VGS = 4.5V
39.5A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it ideal
for high-efficiency power management applications.
Engine Management Systems
Body Control Electronics
DC-DC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching (UIS) Test in Production
–
Ensures More Reliable and Robust End Application
High Conversion Efficiency
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH6010LPDQ)
Mechanical Data
Package: PowerDI®5060-8
Package Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Site1:
Site2:
Pin out
Top View
D1
S1
G1
Equivalent Circuit
D2
S2
G2
D1
S1
G1
Bottom View
Top View
Pin1
D2
S2
G2
S1
D2
D1
G2
D1
D2
G1
S2
PowerDI5060-8 (Type C)
PowerDI5060-8/SWP (Type UXD)
Pin1
S1
D2
D1
G2
D1
D2
G1
S2
Top View
Bottom View
Pin out
Top View
Equivalent Circuit
PowerDI is a registered trademark of Diodes Incorporated.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - DMTH6010LPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6010LPD DIODES-DMTH6010LPD Datasheet
321Kb / 7P
60V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPD-13 DIODES-DMTH6010LPD-13 Datasheet
321Kb / 7P
60V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPDQ DIODES-DMTH6010LPDQ Datasheet
371Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPDQ DIODES-DMTH6010LPDQ Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPDQ-13 DIODES-DMTH6010LPDQ-13 Datasheet
371Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMTH6010LPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPSQ DIODES-DMNH6042SPSQ Datasheet
542Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
August 2016
DMPH6050SPDQ DIODES-DMPH6050SPDQ Datasheet
530Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
October 2016
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH6010LPDWQ DIODES-DMTH6010LPDWQ Datasheet
572Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 1 - 2
DMTH6016LFVW DIODES-DMTH6016LFVW Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 3 - 2
DMTH6016LFVWQ DIODES-DMTH6016LFVWQ Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com