Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1208FS-PLUS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-1208FS-PLUS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1208FS-PLUS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-1208FS-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
Overview
Channel-Gain Queue
The channel-gain queue feature lets users configure a list of chan-
nels and gains for each scan. Each channel can have a different
gain setting. The gain settings are stored in a channel-gain queue
list that is written to local memory on the device.
• The USB-1208LS channel-gain queue list can contain up
to eight channels in SE mode and up to four channels in
DIFF mode. The channels can be listed in any order.
• The USB-1208FS-Plus/1408FS-Plus channel-gain queue can
contain up to eight unique channels in SE mode and up to
four unique channels in DIFF mode. The channels can be
non-consecutive, but must be listed in increasing order.
Analog Output
The maximum analog output update rate for all devices depends
on several factors, including USB port speed.
USB-1208LS
This device offers two 10-bit analog outputs with a range of
0 V to 5 V.
One analog output updates at a maximum rate of 100 S/s; two
analog outputs update at a maximum rate 50 S/s each. The
USB-1208LS updates in software-paced mode only.
USB-1208FS-Plus/1408FS-Plus
All devices offer two 12-bit analog outputs with a range of 0 V
to 5 V.
When updating continuously from computer
memory (hardware-paced mode), the analog outputs update at
a maximum rate of 50 kS/s per channel.
Concurrent AI/AO Scanning Operations
(-Plus devices only)
All USB-1208FS-Plus/1408FS-Plus devices support executing an
analog input scan and analog output scan at the same time.
Digital I/O
All devices provide 16 TTL-level digital I/O lines. Digital I/O can
be programmed on each 8-bit port (Port A and Port B) for either
input (default) or output.
On the USB-1208FS-Plus and USB-1408FS-Plus, port B0
through Port B7 are high-current drive (24 mA) digital I/O
connections.
Event Counter Input
Each device supports one 32-bit TTL-level counter that accepts
inputs up to 1 MHz.
External Clock I/O (-Plus devices only)
The USB-1208FS-Plus and USB-1408FS-Plus have a bidirectional
external clock terminal. When configured for input, A/D conver-
sions can be paced by an external source.
These devices support TTL-level input signals up to 50 kHz.
When configured for output, these devices can pace A/D conver-
sions on a second device.
Trigger Input
The USB-1208FS-Plus and USB-1408FS-Plus each provide an
external digital trigger input that is software-selectable for rising
or falling edge, high or low level.
The USB-1208LS provides an external digital trigger input that
is software-selectable for high or low level.
Calibration
All USB-1208FS-Plus/LS/1408FS-Plus Series devices are factory-
calibrated. Specifications are guaranteed for one year. For cali-
bration beyond one year, return the device to the factory for
recalibration.
The USB-1208LS also supports field calibration with InstaCal.
Perform calibration whenever the ambient temperature changes
by more than ±10 °C from the last calibration.
OEM Versions (-Plus devices only)
The USB-1208FS-Plus-OEM and USB-1408FS-Plus-OEM have a
board-only form factor with header connectors for OEM and
embedded applications (no case, CD, or USB cable included).
All devices can be further customized to meet customer needs.
The USB-1208FS-Plus-OEM and USB-1408FS-Plus-OEM have the
same specifications as the USB-1208FS-Plus/1408FS-Plus, but in
a board-only form factor with header connectors instead of screw
terminals.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com