Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1208FS-PLUS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-1208FS-PLUS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1208FS-PLUS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-1208FS-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
Specifications
Specifications
All specifications are subject to change without notice.
Typical for 25°C unless otherwise specified.
USB-1208FS-Plus and USB-1408FS-Plus
These specifications apply to both standard and OEM versions unless noted
otherwise.
Analog Input
A/D converter type: Successive approximation
Channels: 8 SE or 4 DIFF, programmable as SE or DIFF
Input common-mode voltage range for linear operation
SE Mode: CHx to GND, ±10 V max
DIFF Mode: CHx to GND, –10 V min, 20 V max
Absolute maximum input voltage: CHx to GND, ±28 V max
Input impedance: 122 kΩ
Input current
Input current is a function of applied voltage on the analog input channels. For
a given input voltage, Vin, the input leakage is approximately equal to (8.181
* Vin–12) µA
Vin = 10 V, 70 µA typ
Vin = 0 V, –12 µA typ
Vin = –10 V, –94 µA typ
Ranges: Software or selectable on a per-channel basis
SE mode: ±10 V
DIFF mode: ±20 V, ±10 V, ±5 V, ±4 V, ±2.5 V, ±2.0 V, ±1.25 V, ±1.0 V
Throughput
Maximum throughput scanning to computer memory depends on the
computer being used.
USB-1208FS-Plus
Software paced: 250 S/s typ, system-dependent
Hardware paced: 50 kS/s
USB-1408FS-Plus
Software paced: 250 S/s typ, system-dependent
Hardware paced: 48 kS/s
Channel gain queue: Up to 8 elements, software-selectable channel and range
Resolution
USB-1208FS-Plus
DIFF: 12 bits, no missing codes
SE: 11 bits (the AD7870 converter only returns 11-bits (0–2047 codes) in
SE mode)
USB-1408FS-Plus
DIFF: 14 bits, no missing codes
SE: 13 bits (the AD7871 converter only returns 13-bits (0–8192 codes) in
SE mode)
Integral linearity error
USB-1208FS-Plus: ±1 least significant bit (LSB) typ
USB-1408FS-Plus: ±2 LSB typ
Differential linearity error: ±0.5 LSB typ
Repeatability: ±1 LSB typ
Absolute accuracy long term drift (USB-1408FS-Plus only)
Extrapolating the long term drift accuracy specifications provides the approxi-
mate long term drift of the
USB-1408FS-Plus intermediate input ranges.
±20 V range: ±3 LSB typ (
Δt = 1000 hrs)
±4 V range: ±6 LSB typ (
Δt = 1000 hrs)
±1 V range: ±8 LSB typ (
Δt = 1000 hrs)
2.5VREF output current (USB-1408FS-Plus only)
Source: 5 mA max
Sink: 20 µA min, 100 µA typ
Trigger source (software-selectable)
External digital: TRIG_IN
Clock source (software-selectable)
Internal
External (SYNC), Rising Edge Triggered
Analog Input Accuracy
USB-1208FS-Plus
Range
Accuracy (LSB)
Differential Mode
±20 V
5.1
±10 V
6.1
±5 V
8.1
±4 V
9.1
±2.5 V
12.1
±2 V
14.1
±1.25 V
20.1
±1 V
24.1
Single-Ended Mode
±10 V
4.0
Analog Input Accuracy
USB-1408FS-Plus
Range
Absolute Accuracy
25°C
Absolute Accuracy
0 to 50°C
Differential Mode
±20 V
±10.98 mV
±49.08 mV
±10 V
±7.32 mV
±33.42 mV
±5 V
±3.66 mV
±20.76 mV
±4 V
±2.92 mV
±19.02 mV
±2.5 V
±1.83 mV
±14.97 mV
±2 V
±1.70 mV
±14.29 mV
±1.25 V
±1.21 mV
±12.18 mV
±1 V
±1.09 mV
±11.63 mV
Single-Ended Mode
±10 V
±10.98 mV
±49.08 mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com