Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1208FS-PLUS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB-1208FS-PLUS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1208FS-PLUS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  USB-1208FS-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1208FS-PLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
May 2018. Rev 3
DS-USB-1208FS-Plus-LS-1408FS-Plus-Series
© Measurement Computing Corporation
Digital I/O
Digital type: 82C55
Number of I/O: 16 (Port A0 through A7, Port B0 through B7)
Configuration: 2 banks of 8.
Pull-up/down configuration: All pins pulled up to Vs through 47 kΩ resistors
(default). Positions available for pull down to ground. Hardware-selectable
through 0 Ω resistors as a factory option.
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min, 0 V recommended min
Output high voltage (IOH = –2.5 mA): 3.0 V min
Output low voltage (IOL = 2.5 mA): 0.4 V max
External Trigger
Trigger source: External digital, TRIG_IN (protected with a 1.5 kΩ series resistor)
Trigger mode: Level sensitive; software-selectable for TTL level high or low input
Trigger latency: Burst, 25 µs min, 50 µs max
Trigger pulse width: Burst, 40 µs min
Input high voltage: 3.0 V min, 15.0 V absolute max
Input low voltage: 0.8 V max
Input leakage current: ±1.0 µA
Counter
Pin name: CTR
Counter type: Event counter
Number of channels: 1
Input type: TTL, rising edge triggered
Resolution: 32 bits
Maximum input frequency: 1 MHz
High pulse width: 500 ns min
Low pulse width: 500 ns min
Schmidt trigger hysteresis 20 mV to 100 mV
Input leakage current: ±1 µA
Input high voltage: 4.0 V min, 5.5 V absolute max
Input low voltage: 1.0 V max, –0.5 V absolute min
Non-Volatile Memory
Memory size: 8192 bytes
Memory configuration
Address 0x0000 to 0x17FF: Read/write access, A/D data (4 kS)
Address 0x1800 to 0x1EFF: Read/write access, user data area
Address 0x1F00 to 0x1FEF: Read/write access, calibration data
Address 0x1FF0 to 0x1FFF: Read/write access, system data
Power*
Supply current: 20 mA (total current requirement; includes up to 5 mA for
the status LED)
5 V USB power available
Connected to self-powered hub: 4.5 V min, 5.25 V max
Connected to bus-powered hub: 4.1 V min, 5.25 V max
Output current (total amount of current that can be sourced from the USB 5 V, analog
outputs and digital outputs)
Connected to self-powered hub: 450 ma min, 500 ma max
Connected to bus-powered hub: 50 mA min, 100 mA max
General
USB controller clock error
25 °C: ±30 ppm max
0 °C to 70 °C: ±50 ppm max
Device type: USB 1.1 low-speed mode (1.5 Mbps)
Device compatibility: USB 1.1, 2.0
Environment
Operating temperature: 0 ˚C to 70 ˚C
Storage temperature: –40 ˚C to 70 °C
Relative humidity: 0% to 90% non-condensing
Acquisition data buffer: 4 kS
Signal I/O connector: 2 banks of screw-terminal blocks
Dimensions (L × W × H): 79 × 82 × 27 mm (3.20 × 3.10 × 1.05 in.)
* Self-powered USB hubs and hosts have their own power supply. The USB
port(s) on your computer are root port hubs. All externally powered root
port hubs (desktop computers) provide up to 500 mA of current for a
USB device. Battery-powered root port hubs provide 100 mA or 500 mA,
depending upon the manufacturer. A laptop PC that is not connected to an
external power adapter is an example of a battery-powered root port hub.
Bus-powered USB hubs and hosts do not have their own power supply.
Ordering
Order Information
Hardware
Part No.
Description
USB-1208LS
USB-based data acquisition device with eight
12-bit analog inputs, 1.2 kS/s, two analog
outputs, and 16 digital I/O. Includes USB cable
and MCC DAQ software.
USB-1208FS-Plus
USB-based multifunction DAQ device with 8 SE/
4 DIFF analog inputs, up to 12-bit resolution,
50 kS/s, 2 analog outputs, and 16 digital I/O
(includes eight high-current lines). Includes USB
cable and MCC DAQ software.
USB-1208FS-Plus-OEM
Board-only USB-based DAQ device with eight
analog inputs, 50 kS/s, up to 12-bit resolution,
50 kS/s, two analog outputs, 16 digital I/O lines
(includes eight high-current lines).
USB-1408FS-Plus
USB-based multifunction DAQ device with 8 SE/
4 DIFF analog inputs, up to 14-bit resolution,
48 kS/s, 2 analog outputs, and 16 digital I/O
(includes eight high-current lines). Includes USB
cable and MCC DAQ software.
USB-1408FS-Plus-OEM
Board-only USB-based multifunction DAQ board
with 8 SE/4 DIFF analog inputs, up to 14-bit
resolution, 48 kS/s, 2 analog outputs, and 16
digital I/O (includes eight high-current lines).
Software also Available from MCC
TracerDAQ Pro
DASYLab
Out-of-the-box virtual instrument suite with strip
chart, oscilloscope, function generator, and rate
generator – professional version
Icon-based data acquisition, graphics, control, and
analysis software



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com