Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MV032 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MV032
Description  40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MV032 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MV032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HANBit
HFDOM40MVxxx
URL:www.hbe.co.kr
9 / 9
HANBit Electronics Co., Ltd.
Rev. 1.0 (January. 2004)
4. CONFIGURATION OPTION REGISTER
Overview
ATA register set definitions
(1) . Error Register
(2) . Device/Head Register
(3) . Status & Alternate Status Register
(4) . Device Control Register
(5) . Card Address Register
(6) . Data Register
(7) . Feature Register
(8) . Sector Count Register
(9) . Sector Number Register
(10) . Cylinder low register
(11) . Cylinder high register
PCMCIA Register Set Definitions
(1) . PCMCIA Configuration Option Register
(2) . PCMCIA Configuration and Status Register
(3) . PCMCIA pin Replacement Register
(4) . PCMCIA Socket and Copy Register
ATA Register Set Definitions:
Error Register
This register contains additional information about the source of an error when an error is indicated in bit 0
of the Status register. The bits are defined as follows:
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF
This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and
-CE1 high.
Bit 7 (BBK): This bit is set when a Bad Block is detected.
Bit 6 (UNC): This bit is set when an Uncorrectable Error is encountered.
Bit 5: This bit is 0.
Bit 4 (IDNF): The requested sector ID is in error or cannot be found.
Bit 3: This bit is 0.
Bit 2 (Abort): This bit is set if the command has been aborted because of a CompactFlash Storage Card
status condition: (Not Ready, Write Fault, etc.) or when an invalid command has been issued.
Bit 1 This bit is 0.
Bit 0 (AMNF) This bit is set in case of a general error.
Device/Head Register
The Drive/Head register is used to select the drive and head. It is also used to select LBA addressing
instead of cylinder/head/sector addressing. The bits are defined as follows:
D7
D6
D5
D4
D3
D2
D1
D0
1
LBA
1
DRV
HS3
HS2
HS1
HS0
Bit 7: This bit is set to 1.
Bit 6: LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address Mode (LBA).
When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1, Logical Block Address is
selected. In Logical Block Mode, the Logical Block Address is interpreted as follows:
LBA7-LBA0: Sector Number Register D7-D0.
LBA15-LBA8: Cylinder Low Register D7-D0.
LBA23-LBA16: Cylinder High Register D7-D0.
LBA27-LBA24: Drive/Head Register bits HS3-HS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com