Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MV032 Datasheet(PDF) 13 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MV032
Description  40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MV032 Datasheet(HTML) 13 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MV032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
HANBit
HFDOM40MVxxx
URL:www.hbe.co.kr
13 / 13
HANBit Electronics Co., Ltd.
Rev. 1.0 (January. 2004)
TOP Side
51.80mm± 0.1
1
39
Bottom Side
2
40
5. PACKAGING
Figure 5.1 40 pin Type Flash Disk Module Dimensions
Ordering Infomation
Jumper
Master
Slave
1,2
Close
2,3
Close
NO
Parts
Capacity
Media transfer
mode
Operation
Mode
1
DOM40MV016
16Mbyte
BYTE
True IDE
2
DOM40MV032
32Mbyte
BYTE
True IDE
3
DOM40MV064
64Mbyte
BYTE
True IDE
4
DOM40MV128
128Mbyte
BYTE
True IDE
5
DOM40MV192
192Mbyte
BYTE
True IDE
6
DOM40MV256
256Mbyte
BYTE
True IDE
7
DOM40MV384
384Mbyte
BYTE
True IDE
8
DOM40MV512
512Mbyte
BYTE
True IDE
9
DOM40MV768
768byte
BYTE
True IDE
10
DOM40MV1G
1Gbyte
BYTE
True IDE
11
DOM40MV1.5G
1.5Gbyte
BYTE
True IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com