Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MV032 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MV032
Description  40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MV032 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  DOM40MV032 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MV032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HANBit
HFDOM40MVxxx
URL:www.hbe.co.kr
1 / 1
HANBit Electronics Co., Ltd.
Rev. 1.0 (January. 2004)
1. PRODUCT OVERVIEW
GENERAL DESCRIPTION
The HFDOM40MVxxx series 40Pin Flash Disk Module is a flash technology based with True IDE interface flash memory
card. It is constructed with flash disk controller chip and NAND-type (Samsung) flash memory device. The HFDOM40MV-
xxx series operates in both 3.3-Volt and 5.0-Volt power supplies. It comes in capacity of 16, 32, 64, 128, 192, 256, 384,
512 MB and up to 768B MB formatted 40Pin type .
By optimizing flash memory management, the life of this HFDOM40MVxxx series can be extended to its maximum level.
Because the ECC function is included, the correctness of data transfer between the HFDOM40MVxxx series and a True
IDE compatible interface device can be guaranteed.
The HFDOM40MVxxx series is fully compatible with applications such as CPU card / board, set top box, industry /
military PC / Notebook, security equipment, measuring instrument and embedded systems.
FEATURES
-
ATA / True IDE compatible host interface
-
ATA command set compatible
-
Automatic sensing of PC Card ATA or true IDE host interface.
-
Very high performance, low power consumption
-
Automatic error detection and error correction
-
Auto Standby to save power consumption.
-
Supports automatic power down and wake up
-
Support for 8 or 16 bit host transfers
-
3.3V/5.0V operation voltage
-
Host Interface bus width : 8/16 bit Access
-
Flash Interface bus width : 8 bit Access
-
Capacity : Min. 16MB ~ Max. 768MB
PRODUCT SPECIFICATIONS
Capacities :
16, 32, 64, 96, 128, 192, 256, 384, 512 and up to 768MB (formatted)
System Compatibility :
Please refer to the compatibility list of index.
Performance :
Host Data Transfer Rates :
up to 16.6 MB/sec, PIO mode 4; 16.6MB/sec, Multi-word
DMA mode 2; 33MB/sec
40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface
Mode, 3.3V / 5.0V Operating
Part No. HFDOM40MVxxx


Similar Part No. - DOM40MV032

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40MR016 HANBIT-DOM40MR016 Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MR032 HANBIT-DOM40MR032 Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MR064 HANBIT-DOM40MR064 Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MR128 HANBIT-DOM40MR128 Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MR16 HANBIT-DOM40MR16 Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - DOM40MV032

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44MVXXX HANBIT-HFDOM44MVXXX Datasheet
180Kb / 13P
44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com