Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R032 Datasheet(PDF) 17 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R032
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R032 Datasheet(HTML) 17 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
17 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
4
xxxxh
2
Number of unformatted bytes per track
5
xxxxh
2
Number of unformatted bytes per sector
6
xxxxh
2
Default number of sectors per track
7-8
xxxxh
4
Number of sectors per card (Word 7 = MSW , word 8 = LSW)
9
xxxxh
2
Vendor Unique
10-19
aaaa
20
Serial number in ASCII (Right Justified )
20
xxxxh
2
Buffer type
21
xxxxh
2
Buffer size in 512 byte increments
22
0004h
2
# of ECC bytes passed on Read/Write Long Commands
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (Left Justified) Big Endian Byte Order in Word
47
xxxxh
2
Maximum number of sectors on Read/Write Mutliple command
48
0000h
2
Double Word not supported
49
xx00h
2
Capabilities
50
0000h
2
Reserved
51
0x00h
2
PIO data transfer cycle timing mode
52
0000h
2
DMA data transfer cycle timing mode
53
0001h
2
Translation parameters are valid
54
Xxxxh
2
Current numbers of cylinders
55
xxxxh
2
Current numbers of heads
56
xxxxh
2
Current sectors per track
57-58
xxxxh
4
Current capacity in sectors(LBAs)(Word 57 = LSW , Word 58 = MSW)
59
010xh
2
Multiple sector setting
60-61
xxxxh
4
Total number of sectors addressable in LBA Mode
62-127
0000h
138
Reserved
128
xxxxh
2
Security status
129-159
0000h
64
Vendor unique bytes
160
xxxxh
2
Power requirement description
161-255
0000h
170
Reserved
Idle – 97h or E3h
Bit->
7
6
5
4
3
2
1
0
Command(7)
97h or E3h
C/D/H(6)
X
Drive
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com