Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R032 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R032
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R032 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  DOM40S3R032 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
3 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
PHYSYCAL SPECIFICATION
Top-Connector
Attach
TOP Side
Bottom Side
1
2
39
40
12 3
TOP Side
Bottom-Connector
Attach
1
2
39
40
TOP Side
Bottom Side
Bottom Side
Jumper
Master
Slave
2,3
Close
1,2
Close
55.50±0.1mm
1 23
1
2
39
40
7.50mm
8.90mm±0.1mm
1.4mm±0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com