Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3R032 Datasheet(PDF) 21 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R032
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R032 Datasheet(HTML) 21 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3R032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40S3R032 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
21 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Read Verify Sector(s)
This command is identical to the Read Sectors command, except that DRQ is never set and no data is transferred
to the host. When the command is accepted, the CompactFlash Storage Card sets BSY.
When the requested sectors have been verified, the CompactFlash Storage Card clears BSY and generates an
interrupt. Upon command completion, the Command Block Registers contain the cylinder, head, and sector
number of the last sector verified.
If an error occurs, the verify terminates at the sector where the error occurs. The Command Block Registers
contain the cylinder, head and sector number of the sector where the error occurred. The Sector Count Register
contains the number of sectors not yet verified.
Recablibrate – 1Xh
Bit->
7
6
5
4
3
2
1
0
Command(7)
1Xh
C/D/H(6)
1
LBA
1
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Recalibrate
This command is effectively a NOP command to the CompactFlash Storage Card and is provided for compatibility
purposes.
Request Sense – 03h
Bit->
7
6
5
4
3
2
1
0
Command(7)
03h
C/D/H(6)
1
LBA
1
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Request Sense
This command requests extended error information for the previous command. Table 41 defines the valid extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com