Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3V032 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3V032
Description  40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3V032 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3V032 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
HANBit
HFDOM40S3Vxxx
URL:www.hbe.co.kr
6 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (July, 2004)
BLOCK DIAGRAM
Figure 2.1 Block Diagram
3. INTERFACE BUS TIMING
ACCESS SPCIFICATIONS
1 System clock timing
Sym.
Description
Min.
Typ.
Max.
Unit
Tc
Clock cycle time
45
50
100
ns
Tlpd
Clock low pulse duration
0.4Tc
0.6Tc
ns
Thpd
Clock high pulse duration
0.4Tc
0.6Tc
ns
Tlpd
Thpd
Tc
PCMCIA
ATA
Interface
8032
MICOM
ATA
Interface
RAM
ROM Code
Buffer
Management
and Control
ECC
Circuit
Flash
Sequencer
and
Control
Logic
NAND
FLASH
DEVICE
NAND
FLASH
DEVICE
NAND
FLASH
DEVICE
HOST
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com