Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3V032 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3V032
Description  40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3V032 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3V032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
HANBit
HFDOM40S3Vxxx
URL:www.hbe.co.kr
7 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (July, 2004)
2 Host Read/Write timing
Sym.
Description
Min.
Typ.
Max.
Unit
Td
HD bus asserted from HIOR# / HOE#
10
ns
Th(R)
HD hold time after HIOR# / HOE#
40
70
ns
Ts(W)
HD set up time of HIOW# / HWE#
10
ns
Th(W)
HD hold time of HIOW# / HWE#
5
ns
Read HD Valid
Td
Th
(R)
HD write
Th
(W)
Ts
(W)
HIOW#/
HWE#
HIOR#/HOE#
HA
HA Valid
CE[2:1]
3 Flash Read/Write timing
Sym.
Description
Min.
Typ.
Max.
Unit
Tc(F)
Flash Read / Write cycle time
100
ns
Ts(FW)
FD set up time of FWE#
80
ns
Th(FW)
FD hold time of FWE#
40
ns
Ts(FR)
FD set up time of FRD#
10
ns
Th(FR)
FD hold time of FRD#
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com