Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3V032 Datasheet(PDF) 17 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3V032
Description  40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3V032 Datasheet(HTML) 17 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3V032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3V032 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HANBit
HFDOM40S3Vxxx
URL:www.hbe.co.kr
17 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (July, 2004)
The Read Buffer command enables the host to read the current contents of the CompactFlash
Storage Card’s sector buffer. This command has the same protocol as the Read Sector(s) command.
Read Multiple – C4h
Bit->
7
6
5
4
3
2
1
0
Command(7)
C4h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
Sector Count
Feature(1)
X
Read Multiple
The Read Multiple command performs similarly to the Read Sectors command. Interrupts are not generated on
every sector, but on the transfer of a block which contains the number of sectors defined by a Set Multiple
command.
Command execution is identical to the Read Sectors operation except that the number of sectors defined by a Set
Multiple command are transferred without intervening interrupts. DRQ
qualification of the transfer is required only at the start of the data block, not on each sector.
The block count of sectors to be transferred without intervening interrupts is programmed by the Set Multiple Mode
command, which must be executed prior to the Read Multiple command.
When the Read Multiple command is issued, the Sector Count Register contains the number of sectors (not the
number of blocks or the block count) requested. If the number of requested
sectors is not evenly divisible by the block count, as many full blocks as possible are transferred, followed by a final,
partial block transfer. The partial block transfer is for n sectors, where n = remainder (sector count / block count).
If the Read Multiple command is attempted before the Set Multiple Mode command has been executed or when
Read Multiple commands are disabled, the Read Multiple operation is rejected with an Aborted Command error.
Disk errors encountered during Read Multiple commands are posted at the beginning of the block or partial block
transfer, but DRQ is still set and the data transfer will take place as it normally would, including transfer of
corrupted data, if any Interrupts are generated when DRQ is set at the beginning of each block or partial block. The
error reporting is the same as that on a Read Sector(s) Command. This command reads from 1 to 256 sectors as
specified in the Sector Count register. A sector count of 0 requests 256 sectors.The transfer begins at the sector
specified in the Sector Number Register.
At command completion, the Command Block Registers contain the cylinder, head and sector number of the last
sector read. If an error occurs, the read terminates at the sector where the error occurred. The Command
Block Registers contain the cylinder, head and sector number of the sector where the error occurred. The flawed
data is pending in the sector buffer. Subsequent blocks or partial blocks are transferred only if the error was a
correctable data error. All other errors cause the command to stop after transfer of the block which contained the
error.
Read Long Sector –
22h or 23h
Bit->
7
6
5
4
3
2
1
0
Command(7)
22h – 23h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
Sector Number (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com