Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
RSB-3810
Packing List
Part Number
Description
RSB-3810
RSB-3810 2.5" SBC with Heat Sink
Optional Accessories
Part Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
1700009652
Power Cord CCC 3P 10A 250V 187cm
TBD
UIO20 extending cable of RSB-3720 for 3USB&2GPIO
1700030307-01
UIO40 extending cable of RSB-3430, 3COM&8GPIO
1700031429-01
Line out cable
1700026878-01
Mic. in cable
1700100250
Debug Cable 10P-2.0/D-SUB 9P(M) 25CM
1700019474
RS-232 Cable DB9 female to DB9 female
96LEDK-A070WV40NB1 LVDS 7" Panel G070VW01 V0 (VDD: 3.3V, Backlight Power:
12V)
1700021883-01
LVDS Cable
1700032155-01
LVDS BKLT Cable
EWM-W163M201E
802.11 a/b/g/n/ac,QCA6174A,2T2R,w/BT4.1,M.2 2230
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module,
MPCI-L280H
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
* Please contact us to get suitable celluar module for your region.
Ordering Information
Part No.
CPU
Memory
Flash Memory HDMI
LVDS
LAN
USB Host
SD
Operating Temperature
RSB-3810CO-FCA1E
MediaTek Genio 1200
8 GB
32 GB
1
1
2
2
1
-20 ~ 60 °C
Dimensions
Unit: mm
Block Diagram
Front I/O on RSB-3810
RTC Battery
USB3.0 P0
USB3.0 P1
PCIe3.0
USB3.0 1
USB3.0 P2
I2S
HDMI TX
USB3.0 + USB2.0
Type A Connector
USB3.0 HUB
USB2.0 HUB
2-Lane eDP
I2C1
LVDS
Line out
Mic in Pin Header
PMIC
MT6365
eDP to LVDS
RTL8135
USB3.0 4
RTL8135
USB3.0 3
USB2.0 3
USB2.0 2
USB2.0 1
M.2 Key B
USB2.0
Transceiver
UART 1
UART 3
UART 0
COM1
COM3
Debug Port
SPI
SPIA
LED
GPIO
SEIKO
I2C
WDT
TPM
GPIO Expander
I2C4
RS232/422/485
UART 2
I2C3
GPIOx10
M.2 Key E
SIM Slot
UIO1
UIO2
Micro SD
LPDDR4
eMMC
HDMI
4-Lane MIPI-CSI 1:3
Connector
HDMI RX
FPC HDMI RX
12V DC Jack
MediaTek Genio 1200
4 x Cotex A78
4 x Cotex A55
PIN Header



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com