Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RISC Computing Platforms
UIO40-Express I/O Expansion Boards
UIO-4030
1 x RS-485
1 x RS-232
1 x 4 DIs & 4 DOs
Specifications
General
USB
–
RS-232
1 x 2 wires RS-232
RS-485
1 x RS-485
GPIO
4 DIs, 4 DOs (2.5~24V)
CAN Bus
–
GbE
–
Dimension
146 x 31 x 22 mm
Environment
Weight
180g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4030
UIO-4030, 1 RS232, 4 DIs, 4 DOs,
1 RS-485
Compatible Main Boards
Part No.
Description
RSB-3430XD-PXA1E*
RSB-3430 NXP i.MX6 Series 2.5" UIO Main Board
RSB-3720XX-XCA1E*
RSB-3720 NXP i.MX8M Plus Series 2.5" UIO Main Board
RSB-3710XX-XXA1E*
RSB-3710 Rockchip RK3399 Series 2.5" UIO Main Board
*X indicates different configurations, please refer to each main board's datasheet for complete P/N to order.
Specifications
General
USB
2 x USB 2.0
RS-232
2 x 2 wires RS-232
RS-485
–
GPIO
–
CAN Bus
–
GbE
1 x GbE
Dimension
146 x 31 x 22 mm
Environment
Weight
200g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4032
UIO-4032, 1 GbE, 2 USB, 2 RS-232
Specifications
General
USB
–
RS-232
2 x 2 wires RS-232
RS-485
–
GPIO
–
CAN Bus
1 x CAN bus 2.0B, 1 Mbps
GbE
–
Dimension
146 x 31 x 22 mm
Environment
Weight
180g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4034
UIO-4034, 1 CAN, 2 RS-232
UIO-4032
1 x GbE
2 x USB2.0
2 x RS-232
UIO-4034
1 x CAN bus
2 x RS-232



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com