Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RISC Computing Platforms
Features
ƒ
MediaTek Genio 1200 4 cores A78 & 4 cores A55
ƒ
Onboard LPDDR4 8GB, 4000MT/s memory
ƒ
HDMI 4k60fps, 1 x Dual Channel 24 bit LVDS
ƒ
1 x 4-wire RS-232/422/485, 2 x USB3.2 Gen1 By 1, 2 x USB2.0,
1 x Micro SD, 1 x Mic. in / Line out
ƒ
1 x M.2 3052 Key B for 5G, 1 x M.2 2230 Key E Slot For WiFi/BT
ƒ
Support Ubuntu, Ycoto Linux and Android
ƒ
Support I/O Expansions by UIO40-Express I/O boards, please refer to page
#3 for more information
RSB-3810
MediaTek Genio 1200 Cortex A78 & A55
2.5" SBC with UIO40-Express
Specifications
Form Factor
2.5" Single Board Computer with UIO40-Express for I/O Expansions
Processor System
CPU
MediaTek Genio 1200
Memory
Technology
LPDDR4 4000MT/s
Capacity
On-board 8GB
Flash
32GB eMMC Flash for O.S. and 8 MB SPI NOR Flash for board information
NPU
4.8 TOPS Neural Network performance
Graphics
HDMI
1 HDMI 2.0, 4K60
LVDS
1 dual channel LVDS
Ethernet
Chipset
RTL8153
Speed
2 10/100/1000 Mbps
WatchDog Timer
1~6553s, default 60s, power on/off 1s
TPM
TPM 2.0 (ST33HTPH2E32AHB8)
RTC
Yes
I/O
USB
1 USB3.0 Host, 1 USB2.0 Host
Audio
Mic-in, Line-Out Connectors
Serial Port
1 4 wires RS-232/422/485 by pin header + COM debug console
Camera Input
3 4-Lane MIPI-CSI2
UIO40-Express
2 USB2.0, 1 USB3.0, 10 GPIO, 2 UART), 1 I2C
Expansion
M.2
1 M.2 2230 Key E Slot / 1 M.2 3052 Key B Slot
SD Socket
1 Micro SD Socket
SIM Slot
1 Nano SIM Slot
Power
Power Supply Voltage
12V DC-IN by lockable DC Jack (default) or 2pin type connector
Environment
Operational Temperature
-20 ~ 60 °C
Operating Humidity
5%~95% Relative Humidity, non-condensing
Mechanical
Dimensions (W x D x H)
100 x 72 x 19 mm
Operating System
Ubuntu, Ycoto Linux and Android
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 19-May-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1680 DIALOG-IW1680 Datasheet
290Kb / 6P
MediaTek Pump Express
logo
Analog Devices
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
Advantech Co., Ltd.
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
RSB-4810 ADVANTECH-RSB-4810 Datasheet
584Kb / 2P
Rockchip Arm Cortex-A55 RK3568 3.5 SBC
18-Apr-2022
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com