Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC013 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TTC013
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC013 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TTC013 Datasheet HTML 1Page - Toshiba Semiconductor TTC013 Datasheet HTML 2Page - Toshiba Semiconductor TTC013 Datasheet HTML 3Page - Toshiba Semiconductor TTC013 Datasheet HTML 4Page - Toshiba Semiconductor TTC013 Datasheet HTML 5Page - Toshiba Semiconductor TTC013 Datasheet HTML 6Page - Toshiba Semiconductor TTC013 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TTC013
4
7.
7.
7.
7. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 7.2
7.2
7.2
7.2 h
h
h
hFE
FE
FE
FE
- I
- I
- I
- IC
C
C
C
Fig.
Fig.
Fig.
Fig. 7.3
7.3
7.3
7.3 V
V
V
VCE(sat)
CE(sat)
CE(sat)
CE(sat)
- I
- I
- I
- IC
C
C
C
Fig.
Fig.
Fig.
Fig. 7.4
7.4
7.4
7.4 V
V
V
VBE(sat)
BE(sat)
BE(sat)
BE(sat)
- I
- I
- I
- IC
C
C
C
Fig.
Fig.
Fig.
Fig. 7.5
7.5
7.5
7.5 IIIIC
C
C
C
- V
- V
- V
- VBE
BE
BE
BE
2015-08-04
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com