Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC013 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTC013
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC013 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTC013 Datasheet HTML 1Page - Toshiba Semiconductor TTC013 Datasheet HTML 2Page - Toshiba Semiconductor TTC013 Datasheet HTML 3Page - Toshiba Semiconductor TTC013 Datasheet HTML 4Page - Toshiba Semiconductor TTC013 Datasheet HTML 5Page - Toshiba Semiconductor TTC013 Datasheet HTML 6Page - Toshiba Semiconductor TTC013 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TTC013
1
Bipolar Transistors Silicon NPN Triple-Diffused Type
TTC013
TTC013
TTC013
TTC013
Start of commercial production
2010-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Voltage Switching
•
LCD Backlighting
2.
2.
2.
2. Features
Features
Features
Features
(1)
High collector breakdown voltage: VCEO = 350 V
(2)
High DC current gain: hFE = 100 to 200 (IC = 50 mA)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
PW-Mini
1. Base
2. Collector (Heatsink)
3. Emitter
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current (DC)
Collector current (pulsed)
Base current
Collector power dissipation
Collector power dissipation
Junction temperature
Storage temperature
DC
(t = 10 s)
.
(Note 1)
(Note 1)
(Note 2)
(Note 2)
Symbol
VCBO
VCEO
VEBO
IC
ICP
IB
PC
Tj
Tstg
Rating
600
350
7
0.5
1
0.25
1
2.5
150
-55 to 150
Unit
V
A
W
Note 1: Ensure that the junction temperature does not exceed 150.
Note 2: Device mounted on a 25.4 mm x 25.4 mm x 1.6 mm FR-4 glass epoxy board (with a dissipating copper surface
of 645 mm2)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
2015-08-04
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TTC013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC011B TOSHIBA-TTC011B Datasheet
272Kb / 6P
Bipolar Transistors Silicon NPN Epitaxial Type
2016-02-09 Rev.1.0
TTC012 TOSHIBA-TTC012 Datasheet
190Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
TTC014 TOSHIBA-TTC014 Datasheet
171Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2014-03-10 Rev.2.0
TTC015B TOSHIBA-TTC015B Datasheet
218Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2015-01-22 Rev.1.0
logo
Inchange Semiconductor ...
TTC016 ISC-TTC016 Datasheet
314Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - TTC013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC012 TOSHIBA-TTC012 Datasheet
190Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
TTD1409B TOSHIBA-TTD1409B Datasheet
183Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
Rev.4.0
TTB1020B TOSHIBA-TTB1020B Datasheet
207Kb / 7P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2020-01-29 Rev.4.0
TTC014 TOSHIBA-TTC014 Datasheet
171Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2014-03-10 Rev.2.0
TTA010 TOSHIBA-TTA010 Datasheet
279Kb / 6P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2021-06-24 Rev.1.0
TTC008 TOSHIBA-TTC008 Datasheet
169Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2014-04-03 Rev.2.0
TTC018 TOSHIBA-TTC018 Datasheet
291Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2021-06-24 Rev.1.0
TTC5460B TOSHIBA-TTC5460B Datasheet
154Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2016-02-05 Rev.1.0
TTD1410B TOSHIBA-TTD1410B Datasheet
153Kb / 5P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2015-08-06 Rev.3.0
TTD1415B TOSHIBA-TTD1415B Datasheet
176Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2015-08-06 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com