Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC013 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TTC013
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC013 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TTC013 Datasheet HTML 1Page - Toshiba Semiconductor TTC013 Datasheet HTML 2Page - Toshiba Semiconductor TTC013 Datasheet HTML 3Page - Toshiba Semiconductor TTC013 Datasheet HTML 4Page - Toshiba Semiconductor TTC013 Datasheet HTML 5Page - Toshiba Semiconductor TTC013 Datasheet HTML 6Page - Toshiba Semiconductor TTC013 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TTC013
2
5.
5.
5.
5. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
5.1.
5.1.
5.1.
5.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Collector cut-off current
Emitter cut-off current
Collector-emitter breakdown voltage
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Symbol
ICBO
IEBO
V(BR)CEO
hFE(1)
hFE(2)
hFE(3)
VCE(sat)
VBE(sat)
Test Condition
VCB = 600 V, IE = 0 A
VEB = 7 V, IC = 0 A
IC = 10 mA, IB = 0 A
VCE = 5 V, IC = 1 mA
VCE = 5 V, IC = 50 mA
VCE = 5 V, IC = 0.16 A
IC = 0.16 A, IB = 20 mA
IC = 0.16 A, IB = 20 mA
Min
350
80
100
30
Typ.
Max
1
1
200
0.3
1.1
Unit
µA
V
V
5.2.
5.2.
5.2.
5.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Switching time (rise time)
Switching time (storage time)
Switching time (fall time)
Symbol
tr
tstg
tf
Test Condition
See Figure 5.2.1
VCC
≈ 200 V, RL = 1.25 kΩ,
IB1 = 20 mA, IB2 = 40 mA,
Duty cycle ≤ 1%
Min
Typ.
0.12
3.2
0.17
Max
Unit
µs
Fig.
Fig.
Fig.
Fig. 5.2.1
5.2.1
5.2.1
5.2.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2015-08-04
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com