Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0606AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ACAS0606AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0606AT Datasheet(HTML) 4 Page - Vishay Siliconix

  ACAS0606AT Datasheet HTML 1Page - Vishay Siliconix ACAS0606AT Datasheet HTML 2Page - Vishay Siliconix ACAS0606AT Datasheet HTML 3Page - Vishay Siliconix ACAS0606AT Datasheet HTML 4Page - Vishay Siliconix ACAS0606AT Datasheet HTML 5Page - Vishay Siliconix ACAS0606AT Datasheet HTML 6Page - Vishay Siliconix ACAS0606AT Datasheet HTML 7Page - Vishay Siliconix ACAS0606AT Datasheet HTML 8Page - Vishay Siliconix ACAS0606AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACAS 0606 AT, ACAS 0612 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 17-Aug-2022
4
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive
set of instructions established for reproducibility. A
homogeneous film of metal alloy is deposited on a high
grade ceramic substrate (Al2O3) using a mask to separate
the adjacent resistors and conditioned to achieve the
desired temperature coefficient. Specially designed inner
contacts are deposited on both sides. A special laser is used
to achieve the target value by smoothly cutting a meander
groove in the resistive layer without damaging the ceramics.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure matte tin on nickel
plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with IEC 60286-3, Type 1a (1).
ASSEMBLY
The resistors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using reflow or vapor phase as shown in
IEC 61760-1 (1)
. The encapsulation is resistant to all
cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The suitability of conformal coatings, potting compounds
and their processes, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system. The resistors are RoHS-compliant; the pure
matte tin plating provides compatibility with lead (Pb)-free
and lead-containing soldering processes. The permitted
storage time is 20 years, whereas the solderability is
specified for 2 years after production or requalification. The
immunity of the plating against tin whisker growth has been
proven under extensive testing.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (2)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (3)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (4) for its
supply chain
The products do not contain any of the banned substances
as per IEC 62474, GADSL, or the SVHC list, see
www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
APPROVALS
Where applicable the resistors are tested within the
IECQ-CECC Quality Assessment System for Electronic
Components to the detail specification EN 140401-801
which refers to EN 60115-1, EN 60115-8, and the variety of
environmental test procedures of the IEC 60068 (1) series.
The detail specification refers to the climatic categories
55/125/56.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacturer” in accordance with IECQ 03-1. The release
certificate
for
“Technology
Approval
Schedule”
in
accordance with CECC 240001 based on IECQ 03-3-1 is
granted
for
the
Vishay
BEYSCHLAG
manufacturing
process.
The resistor arrays are qualified according to AEC-Q200.
RELATED PRODUCTS
For automotive products with gold terminations for
conductive gluing see the datasheet:
• Precision Gold Terminated Thin Film Chip Resistor Arrays
for Conductive Gluing (www.vishay.com/doc?28876)
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474
(3) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council and available at www.gadsl.org
(4) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com