Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0606AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACAS0606AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0606AT Datasheet(HTML) 3 Page - Vishay Siliconix

  ACAS0606AT Datasheet HTML 1Page - Vishay Siliconix ACAS0606AT Datasheet HTML 2Page - Vishay Siliconix ACAS0606AT Datasheet HTML 3Page - Vishay Siliconix ACAS0606AT Datasheet HTML 4Page - Vishay Siliconix ACAS0606AT Datasheet HTML 5Page - Vishay Siliconix ACAS0606AT Datasheet HTML 6Page - Vishay Siliconix ACAS0606AT Datasheet HTML 7Page - Vishay Siliconix ACAS0606AT Datasheet HTML 8Page - Vishay Siliconix ACAS0606AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACAS 0606 AT, ACAS 0612 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 17-Aug-2022
3
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Relative TCR down to ± 2.5 ppm/K on request
• Relative tolerance for resistance values < 80
Ω on request
• Resistance ratios
Rmin./Rmax. higher than 1:20 only available up to 100 kΩ per element for accuracy grade S
Notes
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(1)
R1 = R4 ≤ R2 = R3
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
ACCURACY
GRADE
ABSOLUTE
RELATIVE
RESISTANCE
TCR
TOLERANCE
TCR
TOLERANCE
ACAS 0606 AT
ACAS 0612 AT
S
± 25 ppm/K
± 0.1 %
± 15 ppm/K
± 0.05 %
47
Ω to 150 kΩ
T
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.05 %
47
Ω to 150 kΩ
U
± 10 ppm/K
± 0.1 %
± 5 ppm/K
± 0.05 %
47
Ω to 100 kΩ
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING DIMENSIONS
ACAS 0606 AT
ACAS 0612 AT
P1
1000
Paper tape according
IEC 60286-3, Type 1a
8 mm
4 mm
Ø 180 mm / 7"
P5
5000
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: ACASA1100S2200P5AT
TYPE
TERMINAL
SIZE
RESISTANCE (1)
ACCURACY
GRADE
RESISTANCE (1)
PACKAGING
SPECIAL
ACA
S = convex square
N = 0606
A = 0612
3 digit resistance
value
R1, R4
1 digit multiplier
Multiplier
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
TCR, tracking,
tolerance and
matching
S, T, or U
3 digit resistance
value
R2, R3
1 digit multiplier
Multiplier
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
P1
P5
AT = automotive
Product Description: ACAS 0612 110R S 220R AT P5
ACA
S
0612
110R
S
220R
AT
P5
TYPE
TERMINAL
SIZE
RESISTANCE
R1, R4 (1)
ACCURACY
GRADE
RESISTANCE
R2, R3 (1)
SPECIAL
PACKAGING
ACA = chip
array
S = convex
square
0606
0612
110R = 110
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
TCR, tracking,
tolerance and
matching
S, T, or U
220R = 220
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
AT =
automotive
P1
P5
S
A
1
100
S
2
0
C
A
A
20
5T
PA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com