Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0606AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACAS0606AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0606AT Datasheet(HTML) 2 Page - Vishay Siliconix

  ACAS0606AT Datasheet HTML 1Page - Vishay Siliconix ACAS0606AT Datasheet HTML 2Page - Vishay Siliconix ACAS0606AT Datasheet HTML 3Page - Vishay Siliconix ACAS0606AT Datasheet HTML 4Page - Vishay Siliconix ACAS0606AT Datasheet HTML 5Page - Vishay Siliconix ACAS0606AT Datasheet HTML 6Page - Vishay Siliconix ACAS0606AT Datasheet HTML 7Page - Vishay Siliconix ACAS0606AT Datasheet HTML 8Page - Vishay Siliconix ACAS0606AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACAS 0606 AT, ACAS 0612 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 17-Aug-2022
2
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
Please
consider
the
application
note
“Thermal
Management
in
Surface-Mounted
Resistor
Applications”
(www.vishay.com/doc?28844) for information on the general nature of thermal resistance.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
Notes
• Figures are given for arrays with equal values, design type AE
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance.
CIRCUITS
Marking on ACAS 0606 AT: for types with different resistor values pin 1 is marked.
Note
• Customized ACAS 0612 AT with four different ohmic values on request
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
Rated dissipation per element,
P70
ACAS 0606 AT
0.100 W
0.125 W
ACAS 0612 AT
0.100 W
0.125 W
Rated dissipation per packaging,
P70
ACAS 0606 AT
0.150 W
0.200 W
ACAS 0612 AT
0.300 W
0.400 W
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
125 °C
155 °C
Max. resistance change at
P70 for resistance range,
|
ΔR/R| after:
ACAS 0606 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
ACAS 0612 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
1000 h
≤ 0.1 %
≤ 0.25 %
8000 h
≤ 0.25 %
≤ 0.5 %
Max. relative resistance change (relative drift)
at
P70 for resistance range, |ΔR/R| after:
ACAS 0606 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
ACAS 0612 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
1000 h
≤ 0.05 %
≤ 0.125 %
8000 h
≤ 0.125 %
≤ 0.25 %
DESIGN
ACAS 0606 AT
ACAS 0612 AT
AE
R1 = R2
R1 = R2 = R3 = R4
TP
R1 = R4 < R2 = R3
DF
R1 < R2
R
1
R
2
R
1
R
2
R
3
R
4
Pin 1
ACAS 0606 AT
ACAS 0612 AT
43
2
Pin 1
23
4
8
76
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com