Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ACAS0612
Description  Precision Thin Film Chip Resistor Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612 Datasheet(HTML) 4 Page - Vishay Siliconix

  ACAS0612 Datasheet HTML 1Page - Vishay Siliconix ACAS0612 Datasheet HTML 2Page - Vishay Siliconix ACAS0612 Datasheet HTML 3Page - Vishay Siliconix ACAS0612 Datasheet HTML 4Page - Vishay Siliconix ACAS0612 Datasheet HTML 5Page - Vishay Siliconix ACAS0612 Datasheet HTML 6Page - Vishay Siliconix ACAS0612 Datasheet HTML 7Page - Vishay Siliconix ACAS0612 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
4
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
PATTERN STYLES FOR CHIP RESISTOR ARRAY
PACKAGING
TYPE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
REEL DIAMETER
ACAS 0612
P1
1000
Tape and reel
cardboard tape
acc. IEC 60286-3
Type I
8 mm
4 mm
180 mm/7"
P5
5000
DIMENSION AND MASS
TYPE
L
(mm)
W
(mm)
H
(mm)
P
(mm)
A1
(mm)
A
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
ACAS 0612
1.5 ± 0.15
3.2 ± 0.15
0.45 ± 0.1
0.8 ± 0.1
0.6 ± 0.1
0.4 ± 0.1
0.3 ± 0.15
0.4 ± 0.15
6.6
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
G
(mm)
Y
(mm)
X
(mm)
U
(mm)
Z
(mm)
I
(mm)
P
(mm)
ACAS 0612
0.7
0.7
0.64
0.5
2.1
0.3
0.8
T2
H
A1
A
A
T1
W
L
0.1
Z
G
Y
UI
X
ACAS 0612
Dimensions in mm
limits for solder resist
P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com