Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ACAS0612
Description  Precision Thin Film Chip Resistor Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612 Datasheet(HTML) 7 Page - Vishay Siliconix

  ACAS0612 Datasheet HTML 1Page - Vishay Siliconix ACAS0612 Datasheet HTML 2Page - Vishay Siliconix ACAS0612 Datasheet HTML 3Page - Vishay Siliconix ACAS0612 Datasheet HTML 4Page - Vishay Siliconix ACAS0612 Datasheet HTML 5Page - Vishay Siliconix ACAS0612 Datasheet HTML 6Page - Vishay Siliconix ACAS0612 Datasheet HTML 7Page - Vishay Siliconix ACAS0612 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
7
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
(2) Figures are given for arrays with equal values, design type AE.
(3) For a single element.
Note
• Special temperature coefficent and resistance combinations remain available. For optimized availability please refer to the table
TEMPERATURE COEFFICENT AND RESISTANCE.
4.18.2
58 (Td)
Resistance to soldering
heat
Reflow method 2
(IR/forced gas convection);
(260 ± 5) °C;
(10 ± 1) s
 (0.1 % R + 0.01 )
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb; non-activated flux
accelerated ageing 4 h/155 °C
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered);
no visible damage
Solder bath method;
SnAgCu; non-activated flux
accelerated ageing 4 h/155 °C
(235 ± 3) °C; (2 ± 0.2) s
4.32
21 (Ue3)
Shear (adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
 (0.1 % R + 0.01 )
no visible damage;
no open circuit in bent position
4.7
-
Voltage proof
URMS = Uins
(60 ± 5) s; against ambient,
between adjacent resistors
No flashover or breakdown
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (2)
(
R)
Stability for product types:
ACAS 0612
47
 to 221 k
HISTORICAL TEMPERATURE COEFFICIENT AND RESISTANCE RANGES
DESCRIPTION
RESISTANCE VALUE
ACCURACY
GRADE
ABSOLUTE TCR
TCR TRACKING
ABSOLUTE
TOLERANCE
TOLERANCE
MATCHING
ACAS 0612
A
± 25 ppm/K
10 ppm/K
± 0.25 %
0.1 %
47
 to 221 k
B
± 25 ppm/K
10 ppm/K
± 0.5 %
0.25 %
47
 to 221 k
E
± 25 ppm/K
15 ppm/K
± 0.25 %
0.1 %
47
 to 221 k
F
± 25 ppm/K
15 ppm/K
± 0.5 %
0.25 %
47
 to 221 k
J
± 25 ppm/K
25 ppm/K
± 0.25 %
0.1 %
47
 to 221 k
K
± 25 ppm/K
25 ppm/K
± 0.5 %
0.25 %
47
 to 221 k
N
± 50 ppm/K
25 ppm/K
± 0.5 %
0.5 %
47
 to 221 k
P
± 50 ppm/K
50 ppm/K
± 0.5 %
0.5 %
47
 to 221 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com